Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HPC Datasheet(PDF) 1 Page - Vishay Siliconix

Part # HPC
Description  High Voltage Disc Capcitors, Screw mounting
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

HPC Datasheet(HTML) 1 Page - Vishay Siliconix

  HPC Datasheet HTML 1Page - Vishay Siliconix HPC Datasheet HTML 2Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
High Voltage Disc Capcitors, Screw mounting
www.vishay.com
For technical questions contact: powcap@vishay.com
Document Number: 22167
1
Revision: 21-Feb-02
HPD, HPC
Vishay Draloric
HPD, 20 KVDC
• Dimensions in millimeters (inches)
HPC, 20 KVDC
D1 ± 1.5
(± 0.06)
M6 Thread
SW 10
(0.394)
D
M6 Thread
SW 10
(0.394)
CERAMIC
CAPACITANCE VALUE
[pF]
RATED VOLTAGE*
RF - RATED CURRENT**
D1
D
R 2000 H
350
20 KVDC
or
15 KVRMS
up to 120 Hz
6 ARMS max.
21 (0.827)
50 max. (1.969 max.)
500
25 (0.984)
50 max. (1.969 max.)
750
30 (1.181)
50 max. (1.969 max.)
1000
35 (1.378)
50 max. (1.969 max.)
1500
43 (1.693)
60 max. (2.362 max.)
2000
49 (1.929)
60 max. (2.362 max.)
3000
59 (2.323)
70 max. (2.756 max.)
5000
75 (2.953)
90 max. (3.453 max.)
* For model HPD these values apply only under conditions of high
insulation, e.g. when operating under oil.
When using the capacitors in free air, the rated voltage is reduced to
7 KVDC.
** Max. ambient temperature + 60 °C
CAPACITANCE TOLERANCES: ± 20 %
MATERIAL:
Capacitor elements made from Class 1 or 2 ceramic
dielectric with noble metal electrodes.
FINISH:
Capacitor body completely lacquered (HPD model) or
protected with silicone rubber (HPC model).
MARKING:
Capacitance value and tolerance, DRALORIC Logo
APPLICATION:
High voltage capacitors made from Class 2 - ceramic
dielectric can be used as coupling and bypass capacitors
where low power ratings are required and larger capacitance
changes with temperature can be tolerated.
ORDERING INFORMATION
HPC (60)
20 KVDC
2000 pF
± 20 %
R 2000 H
MODEL
RATED VOLTAGE
CAPACITANCE VALUE
TOLERANCE
CERAMIC


Similar Part No. - HPC

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
HPC VISHAY-HPC Datasheet
87Kb / 4P
High Voltage Disc Capacitors, 20 kVDC Screw Mounting, Class 2 Ceramic
11-Sep-15
logo
Stackpole Electronics, ...
HPC SEI-HPC Datasheet
106Kb / 4P
High Power Surface Mount Resistor
05/12/2016
logo
KITAGAWA GmbH
HPC KGS-HPC Datasheet
196Kb / 1P
Suitable for contact in large clearance applications
logo
PREMO CORPORATION S.L
HPC-001 PREMO-HPC-001 Datasheet
106Kb / 1P
High power planar chokes for HV applications
HPC-001 PREMO-HPC-001 Datasheet
81Kb / 2P
High Power Planar Chokes for HV Applications
More results

Similar Description - HPC

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
715C15DKD15 VISHAY-715C15DKD15 Datasheet
75Kb / 3P
High Voltage Disc Capacitors, Screw Mounting
21-Aug-08
logo
List of Unclassifed Man...
SK-015A ETC2-SK-015A Datasheet
652Kb / 2P
SCREW MOUNTING
logo
Vishay Siliconix
715C-DK VISHAY-715C-DK Datasheet
84Kb / 4P
High Voltage Class 2 Ceramic DC Disc Capacitors, Screw Terminal Mounting, 15 kVDC to 40 kVDC
19-Jan-17
715C-KT VISHAY-715C-KT Datasheet
84Kb / 4P
High Voltage Class 1 Ceramic DC Disc Capacitors, Screw Terminal Mounting, 10 kVDC to 40 kVDC
19-Jan-17
logo
Delta Electronics, Inc.
10C3 DELTA-10C3 Datasheet
102Kb / 2P
SCREW MOUNTING
SK-015A DELTA-SK-015A Datasheet
652Kb / 2P
SCREW MOUNTING
logo
Vishay Siliconix
HPC VISHAY-HPC Datasheet
87Kb / 4P
High Voltage Disc Capacitors, 20 kVDC Screw Mounting, Class 2 Ceramic
11-Sep-15
logo
FIBOX Enclosing innovat...
4712049 FIBOX-4712049 Datasheet
36Kb / 1P
Mounting screw
26.07.2023
3570678 FIBOX-3570678 Datasheet
36Kb / 1P
Mounting screw
31.07.2023
5514042 FIBOX-5514042 Datasheet
38Kb / 1P
Mounting screw
11.08.2023
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com