Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDE1891L Datasheet(PDF) 2 Page - STMicroelectronics

Part # TDE1891L
Description  2A HIGH-SIDE DRIVER INDUSTRIAL INTELLIGENT POWER SWITCH
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDE1891L Datasheet(HTML) 2 Page - STMicroelectronics

  TDE1891L Datasheet HTML 1Page - STMicroelectronics TDE1891L Datasheet HTML 2Page - STMicroelectronics TDE1891L Datasheet HTML 3Page - STMicroelectronics TDE1891L Datasheet HTML 4Page - STMicroelectronics TDE1891L Datasheet HTML 5Page - STMicroelectronics TDE1891L Datasheet HTML 6Page - STMicroelectronics TDE1891L Datasheet HTML 7Page - STMicroelectronics TDE1891L Datasheet HTML 8Page - STMicroelectronics TDE1891L Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
PIN CONNECTION (Top view)
ABSOLUTE MAXIMUM RATINGS
Symbol
Parameter
Value
Unit
VS
Supply Voltage (Pin 10) (TW < 10ms)
50
V
VS –VO
Supply to Output Differential Voltage. See also VCl (Pins 10 - 9)
internally limited
V
Vi
Input Voltage (Pins 3/4)
-10 to VS +10
V
Vi
Differential Input Voltage (Pins 3 - 4)
43
V
Ii
Input Current (Pins 3/4)
20
mA
IO
Output Current (Pin 9). See also ISC (Pin 9)
internally limited
A
Ptot
Power Dissipation. See also THERMAL CHARACTERISTICS.
internally limited
W
Top
Operating Temperature Range (Tamb)
-25 to +85
°C
Tstg
Storage Temperature
-55 to 150
°C
EI
Energy Induct. Load TJ =85
°C1
J
THERMAL DATA
Symbol
Description
Multiwatt
PowerSO20
Unit
Rth j-case
Thermal Resistance Junction-case
Max.
1.5
1.5
ÉC/W
Rth j-amb
Thermal Resistance Junction-ambient
Max.
35
–
ÉC/W
1
2
3
4
5
6
7
9
10
11
8
OUTPUT
SUPPLY VOLTAGE
OUTPUT
N.C.
N.C.
GND
OUTPUT STATUS
INPUT -
INPUT +
DIAGNOSTIC 2
DIAGNOSTIC 1
D93IN022
GND
OUTPUT
OUTPUT
N.C.
SUPPLY VOLTAGE
N.C.
SUPPLY VOLTAGE
OUTPUT
OUTPUT
N.C.
N.C.
DIAGNOSTIC 1
N.C.
DIAGNOSTIC 2
INPUT +
INPUT -
OUTPUT STATUS
GND
1
3
2
4
5
6
7
8
9
18
17
16
15
14
12
13
11
19
10
20
GND
GND
D93IN021
Note: Output pins must be must be connected externally to the package to use all leads for the output current (Pin 9 and 11 for Multiwatt
package, Pin 2, 3, 8 and 9 for PowerSO20 package).
TDE1890 - TDE1891
2/12



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com