Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EYC Datasheet(PDF) 2 Page - Vishay Siliconix

Part # EYC
Description  Aluminum Capacitors Power Printed Wiring Style
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

EYC Datasheet(HTML) 2 Page - Vishay Siliconix

  EYC Datasheet HTML 1Page - Vishay Siliconix EYC Datasheet HTML 2Page - Vishay Siliconix EYC Datasheet HTML 3Page - Vishay Siliconix EYC Datasheet HTML 4Page - Vishay Siliconix EYC Datasheet HTML 5Page - Vishay Siliconix EYC Datasheet HTML 6Page - Vishay Siliconix EYC Datasheet HTML 7Page - Vishay Siliconix EYC Datasheet HTML 8Page - Vishay Siliconix EYC Datasheet HTML 9Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
Document Number: 25138
For technical questions, contact: aluminumcaps2@vishay.com
www.vishay.com
Revision: 03-Nov-08
223
EYC
Aluminum Capacitors
Power Printed Wiring Style
Vishay Roederstein
Note
• Special values/dimensions on request
DIMENSIONS in millimeters AND AVAILABLE FORMS
SELECTION CHART FOR CR, UR AND RELEVANT NOMINAL CASE SIZES > 100 V (Ø D x L in mm)
CR
(µF)
UR (V)
200
250
400
450
56
-
-
-
22 x 25
68
-
-
22 x 25
22 x 30
25 x 25
82
-
-
22 x 30
25 x 25
22 x 35
100
-
-
22 x 35
25 x 30
22 x 40
25 x 30
30 x 25
120
-
-
22 x 35
25 x 30
30 x 25
25 x 35
150
-
-
22 x 40
25 x 35
30 x 30
25 x 40
30 x 30
35 x 25
180
-
-
25 x 40
30 x 30
35 x 25
25 x 45
30 x 35
220
-
22 x 30
25 x 25
25 x 45
30 x 35
35 x 30
30 x 40
35 x 30
270
-
22 x 35
25 x 30
30 x 25
25 x 50
30 x 40
35 x 30
30 x 45
35 x 35
330
22 x 30
22 x 40
25 x 30
30 x 25
30 x 45
35 x 35
30 x 50
35 x 40
390
22 x 35
25 x 30
30 x 30
25 x 35
30 x 30
30 x 30
30 x 50
35 x 40
35 x 45
470
22 x 40
30 x 25
25 x 40
30 x 30
35 x 25
35 x 45
35 x 50
560
25 x 35
30 x 30
25 x 45
30 x 35
35 x 30
35 x 50
35 x 60
680
25 x 45
30 x 30
35 x 25
30 x 40
35 x 35
35 x 60
-
820
25 x 50
30 x 35
35 x 30
30 x 45
35 x 35
35 x 40
--
1000
30 x 45
35 x 35
35 x 40
35 x 45
--
1200
30 x 50
35 x 35
35 x 45
35 x 50
--
1500
35 x 45
-
-
-
1800
35 x 50
-
-
-
10 ± 0.1
Insulation
Bottom safety vent
PC board mounting holes Ø 2.0 ± 0.1



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com