Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EYD Datasheet(PDF) 2 Page - Vishay Siliconix

Part # EYD
Description  Aluminum Capacitors Power Printed Wiring Style
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

EYD Datasheet(HTML) 2 Page - Vishay Siliconix

  EYD Datasheet HTML 1Page - Vishay Siliconix EYD Datasheet HTML 2Page - Vishay Siliconix EYD Datasheet HTML 3Page - Vishay Siliconix EYD Datasheet HTML 4Page - Vishay Siliconix EYD Datasheet HTML 5Page - Vishay Siliconix EYD Datasheet HTML 6Page - Vishay Siliconix EYD Datasheet HTML 7Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
www.vishay.com
For technical questions, contact: aluminumcaps2@vishay.com
Document Number: 25125
2
Revision: 21-Aug-08
EYD
Vishay Roederstein
Aluminum Capacitors
Power Printed Wiring Style
DIMENSIONS in millimeters AND AVAILABLE FORMS
Fig.1 Printed wiring pin version
Fig.2 Mounting hole pattern viewed from the component side
Fig.3 Printed wiring pin version
Fig.4 Mounting hole pattern viewed from the component side
3300
-
-
-
25 x 30
25 x 40
35 x 50
-
-
-
-----
40 x 40---
4700
-
-
25 x 30
25 x 40
30 x 40
40 x 50
-
-
-
6800
-
25 x 30
25 x 40
30 x 40
35 x 40
40 x 70
-
-
-
10 000
25 x 30
25 x 40
30 x 40
35 x 40
35 x 50
40 x 100
-
-
-
----
40 x 40-
---
15 000
25 x 40
30 x 40
35 x 40
35 x 50
40 x 70
-
-
-
-
---
40 x 40--
---
22 000
30 x 40
35 x 40
35 x 50
40 x 50
40 x 100
-
-
-
-
--
40 x 40---
---
33 000
35 x 40
35 x 50
40 x 50
40 x 70
-
-
-
-
-
-
40 x 40
----
---
47 000
35 x 50
40 x 50
40 x 70
40 x 100
-
-
-
-
-
40 x 40-----
---
68 000
40 x 50
40 x 70
40 x 100
-
-
-
-
-
-
100 000
40 x 70
40 x 100
----
---
150 000
40 x 100
-----
---
SELECTION CHART FOR CR, UR AND RELEVANT NOMINAL CASE SIZES (Ø D x L in mm)
CR
(µF)
UR (V)
10
16
25
40
63
100
200
385
400
L
L + 5 max.
Ø D
+ 1 max.
-
5.1 ± 0.1
1 = Positive terminal
5 = Negative terminal
Case Ø D = 25 mm
Case Ø D = 25 mm
1.3
(3 x)
2.5
1
2
5
10 ± 0.1
12.5
± 0.1
1 = Positive terminal
5 = Negative terminal
Case Ø D = 30 mm and 35 mm
Ø D
+ 1 max.
L
-
L + 5 max.
5.1 ± 0.1
Case Ø D = 30 mm and 35 mm
15 ± 0.1
1.3
(4 x)
7.5 ± 0.1
17.5
± 0.1
2.5
1
2
3
5



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com