Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EYH Datasheet(PDF) 2 Page - Vishay Siliconix

Part # EYH
Description  Aluminum Capacitors Standard - 105 °C Snap-in
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

EYH Datasheet(HTML) 2 Page - Vishay Siliconix

  EYH Datasheet HTML 1Page - Vishay Siliconix EYH Datasheet HTML 2Page - Vishay Siliconix EYH Datasheet HTML 3Page - Vishay Siliconix EYH Datasheet HTML 4Page - Vishay Siliconix EYH Datasheet HTML 5Page - Vishay Siliconix EYH Datasheet HTML 6Page - Vishay Siliconix EYH Datasheet HTML 7Page - Vishay Siliconix EYH Datasheet HTML 8Page - Vishay Siliconix EYH Datasheet HTML 9Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
www.vishay.com
For technical questions, contact: aluminumcaps3@vishay.com
Document Number 25139
170
Revision: 14-Feb-08
EYH
Vishay Roederstein
Aluminum Capacitors
Standard - 105 °C Snap-in
3300
-
-
-
-
22 x 25
22 x 35
22 x 50
25 x 40
30 x 30
30 x 50
35 x 40
3900
-
-
-
-
22 x 30
22 x 40
25 x 35
30 x 25
25 x 45
30 x 35
35 x 45
4700
-
-
-
22 x 25
22 x 35
25x 25
22 x 45
25 x 40
30 x 30
25 x 40
30 x 40
35 x 30
35 x 50
40 x 40
5600
-
-
-
22 x 30
22 x 35
25 x 30
30 x 25
22 x 50
25 x 40
30 x 35
30 x 45
35 x 35
40 x 50
6800
-
-
-
22 x 30
22 x 40
25 x 35
30 x 30
35 x 25
25 x 50
30 x 40
35 x 30
30 x 50
35 x 40
40 x 50
8200
-
-
22 x 25
22 x 35
25 x 30
22 x 50
25 x 40
30 x 30
30 x 45
35 x 35
35 x 45
-
10 000
-
22 x 25
22 x 30
25 x 25
22 x 40
25 x 35
25 x 45
30 x 35
30 x 50
35 x 40
35 x 50
40 x 60
-
12 000
22 x 25
22 x 30
22 x 35
25 x 30
30 x 25
22 x 45
25 x 40
30 x 30
22 x 50
30 x 40
35 x 30
35 x 45
-
-
15 000
22 x 30
22 x 35
25 x 25
22 x 40
25 x 35
30 x 30
25 x 45
30 x 35
35 x 30
30 x 45
35 x 35
30 x 50
40 x 40
-
-
18 000
22 x 35
25 x 25
22 x 35
25 x 30
22 x 45
25 x 40
30 x 30
25 x 50
30 x 40
35 x 35
35 x 40
40 x 50
-
-
22 000
22 x 35
25 x 30
22 x 40
25 x 35
30 x 25
25 x 45
30 x 35
30 x 45
35 x 35
35 x 45
40 x 40
40 x 50
-
-
27 000
22 x 40
25 x 35
30 x 25
22 x 50
25 x 40
30 x 30
25 x 50
30 x 40
35 x 30
35 x 45
40 x 40
40 x 50
40 x 60
-
-
33 000
22 x 50
25 x 40
30 x 30
25 x 45
30 x 35
30 x 45
35 x 35
-
-
-
-
-
39 000
25 x 45
30 x 35
25 x 50
30 x 40
35 x 30
35 x 45
40 x 40
-
-
-
-
-
47 000
25 x 50
30 x 40
35 x 30
30 x45
35 x 35
35 x 45
40 x 40
-
-
-
-
-
56 000
30 x 50
35 x 40
35 x 45
40 x 40
40 x 50
-
-
-
-
-
68 000
35 x 45
40 x 40
40 x 50
40 x 60
-
-
-
-
-
SELECTION CHART FOR CR, UR AND RELEVANT NOMINAL CASE SIZES (∅ Dx L in mm)
CR
(µF)
UR (V) ≤ 100 V
6.3
101625355063
100



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com