Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EYV Datasheet(PDF) 4 Page - Vishay Siliconix

Part # EYV
Description  Aluminum Capacitors Power Printed Wiring Style
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

EYV Datasheet(HTML) 4 Page - Vishay Siliconix

  EYV Datasheet HTML 1Page - Vishay Siliconix EYV Datasheet HTML 2Page - Vishay Siliconix EYV Datasheet HTML 3Page - Vishay Siliconix EYV Datasheet HTML 4Page - Vishay Siliconix EYV Datasheet HTML 5Page - Vishay Siliconix EYV Datasheet HTML 6Page - Vishay Siliconix EYV Datasheet HTML 7Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
www.vishay.com
For technical questions, contact: aluminumcaps2@vishay.com
Document Number: 25126
4
Revision: 21-Aug-08
EYV
Vishay Roederstein
Aluminum Capacitors
Power Printed Wiring Style
Note
(1) Unless otherwise specified, all electrical values apply at
Ta = 20 °C, P = 86 kPa to 106 kPa, RH = 45 % to 75 %
ORDERING EXAMPLE
10 000 µF/25 V; - 10/+ 30 %
Nominal case size: Ø 35 x 50 mm
Ordering code: MALPEYV00CD510E02W
ELECTRICAL DATA
SYMBOL
DESCRIPTION
CR
rated capacitance at 100 Hz
IR
rated RMS ripple current at 100 Hz,
85 °C or at 20 kHz, 70 °C
IL1
max. leakage current after 1 minute at UR
IL5
max. leakage current after 5 minutes at UR
ESR
max. equivalent series resistance at 100 Hz
Z
max. impedance at 10 kHz
ELECTRICAL DATA AND ORDERING INFORMATION
UR
(V)
CR
100 Hz
(µF)
NOMINAL
CASE SIZE
Ø D x L
(mm)
IR
100 Hz
85 °C
(A)
IR
20 kHz
70 °C
(A)
IL1
1min
(mA)
IL5
5min
(mA)
ESR
100 Hz
(m
Ω)
Z
10 kHz
(m
Ω)
ORDERING CODE
10
4700
25 x 30
2.4
4.6
0.28
0.10
74
50
MALPEYV00AV447C02W
6800
25 x 40
3.2
6.1
0.41
0.14
51
37
MALPEYV00AB468C02W
10 000
30 x 40
3.8
7.2
0.60
0.20
39
29
MALPEYV00BB510C02W
15 000
35 x 40
4.1
7.8
0.90
0.30
35
26
MALPEYV00CB515C02W
22 000
35 x 50
5.0
9.5
1.32
0.44
27
21
MALPEYV00CD522C02W
22 000
40 x 40
4.2
8.0
1.32
0.44
36
27
MALPEYV00DB522C02W
33 000
40 x 50
5.0
9.5
1.98
0.66
29
22
MALPEYV00DD533C02W
47 000
40 x 70
6.8
12.9
2.82
0.94
20
17
MALPEYV00DG547C02W
68 000
40 x 100
9.2
17.5
4.08
1.36
15
14
MALPEYV00DM568C02W
16
3300
25 x 30
2.4
4.6
0.32
0.11
75
50
MALPEYV00AV433D02W
4700
25 x 40
3.1
5.9
0.45
0.15
52
37
MALPEYV00AB447D02W
6800
30 x 40
3.7
7.0
0.65
0.22
40
30
MALPEYV00BB468D02W
10 000
35 x 40
4.1
7.8
0.96
0.32
36
27
MALPEYV00CB510D02W
15 000
35 x 50
5.0
9.5
1.44
0.48
28
21
MALPEYV00CD515D02W
15 000
40 x 40
4.2
8.0
1.44
0.48
36
27
MALPEYV00DB515D02W
22 000
40 x 50
5.0
9.5
2.12
0.71
29
22
MALPEYV00DD522D02W
33 000
40 x 70
6.7
12.7
3.17
1.06
20
17
MALPEYV00DG533D02W
47 000
40 x 100
9.1
17.3
4.51
1.51
15
14
MALPEYV00DM547D02W
25
2200
25 x 30
2.3
4.4
0.33
0.11
78
52
MALPEYV00AV422E02W
3300
25 x 40
3.1
5.9
0.49
0.17
53
38
MALPEYV00AB433E02W
4700
30 x 40
3.7
7.0
0.70
0.24
42
31
MALPEYV00BB447E02W
6800
35 x 40
4.1
7.8
1.02
0.34
37
28
MALPEYV00CB468E02W
10 000
35 x 50
5.0
9.5
1.50
0.50
28
21
MALPEYV00CD510E02W
10 000
40 x 40
4.2
8.0
1.50
0.50
36
27
MALPEYV00DB510E02W
15 000
40 x 50
5.0
9.5
2.25
0.75
29
22
MALPEYV00DD515E02W
22 000
40 x 70
6.8
12.9
3.30
1.10
20
17
MALPEYV00DG522E02W
33 000
40 x 100
9.2
17.5
4.95
1.65
15
14
MALPEYV00DM533E02W
40
1500
25 x 30
2.0
3.8
0.36
0.12
112
68
MALPEYV00AV415G02W
2200
25 x 40
2.7
5.1
0.53
0.18
76
51
MALPEYV00AB422G02W
3300
30 x 40
3.3
6.3
0.79
0.27
57
41
MALPEYV00BB433G02W
4700
35 x 40
3.8
7.2
1.13
0.38
48
35
MALPEYV00CB447G02W
6800
35 x 50
4.7
8.9
1.64
0.55
36
27
MALPEYV00CD468G02W
6800
40 x 40
4.1
7.8
1.64
0.55
45
33
MALPEYV00DB468G02W
10 000
40 x 50
4.9
9.3
2.40
0.80
35
27
MALPEYV00DD510G02W
15 000
40 x 70
6.6
12.5
3.60
1.20
25
20
MALPEYV00DG515G02W
22 000
40 x 100
9.0
17.1
5.28
1.76
18
16
MALPEYV00DM522G02W
63
1000
25 x 30
1.8
3.4
0.38
0.13
122
74
MALPEYV00AV410J02W
1500
25 x 40
2.5
4.7
0.57
0.19
83
54
MALPEYV00AB415J02W
2200
30 x 40
3.1
5.9
0.83
0.28
57
41
MALPEYV00BB422J02W
3300
35 x 40
3.6
6.8
1.25
0.42
48
35
MALPEYV00CB433J02W
4700
35 x 50
4.4
8.3
1.78
0.60
36
27
MALPEYV00CD447J02W
4700
40 x 40
3.8
7.2
1.78
0.60
45
33
MALPEYV00DB447J02W
6800
40 x 50
4.7
8.9
2.57
0.86
35
27
MALPEYV00DD468J02W
10 000
40 x 70
6.2
11.8
3.78
1.26
25
20
MALPEYV00DG510J02W
15 000
40 x 100
8.5
16.1
5.67
1.89
18
16
MALPEYV00DM515J02W



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com