Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDE1891V Datasheet(PDF) 3 Page - STMicroelectronics

Part # TDE1891V
Description  2A HIGH-SIDE DRIVER INDUSTRIAL INTELLIGENT POWER SWITCH
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDE1891V Datasheet(HTML) 3 Page - STMicroelectronics

  TDE1891V Datasheet HTML 1Page - STMicroelectronics TDE1891V Datasheet HTML 2Page - STMicroelectronics TDE1891V Datasheet HTML 3Page - STMicroelectronics TDE1891V Datasheet HTML 4Page - STMicroelectronics TDE1891V Datasheet HTML 5Page - STMicroelectronics TDE1891V Datasheet HTML 6Page - STMicroelectronics TDE1891V Datasheet HTML 7Page - STMicroelectronics TDE1891V Datasheet HTML 8Page - STMicroelectronics TDE1891V Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
ELECTRICAL CHARACTERISTICS (VS = 24V; Tamb = –25 to +85
°C, unless otherwise specified)
Symbol
Parameter
Test Condition
Min.
Typ.
Max.
Unit
Vsmin
Supply Voltage for Valid
Diagnostics
Idiag > 0.5mA ; Vdg1 = 1.5V
9
35
V
Vs
Supply Voltage (operative)
18
24
35
V
Iq
Quiescent Current
Iout =Ios =0
Vil
Vih
3
5
7
8
mA
mA
Vsth1
Undervoltage Threshold 1
(See fig. 1), Tamb = 0 to +85
°C11
V
Vsth2
Undervoltage Threshold 2
15.5
V
Vshys
Supply Voltage Hysteresis
1
V
Isc
Short Circuit Current
VS = 18 to 35V; RL =2
Ω
2.6
5
A
Vdon
Output Voltage Drop
Iout = 2.0A Tj =25
°C
Tj = 125
°C
Iout = 2.5A Tj =25
°C
Tj = 125
°C
360
575
440
700
500
800
575
920
mV
mV
mV
mV
Ioslk
Output Leakage Current
Vi =Vil ;Vo = 0V
500
µA
Vol
Low State Out Voltage
Vi =Vil ;RL =
∞
0.8
1.5
V
Vcl
Internal Voltage Clamp (VS -VO)IO =1A
Single Pulsed: Tp = 300
µs
48
53
58
V
Iold
Open Load Detection Current
Vi =Vih;Tamb = 0 to +85
°C
0.5
9.5
mA
Vid
Common Mode Input Voltage
Range (Operative)
VS = 18 to 35V,
VS -Vid < 37V
–7
15
V
Iib
Input Bias Current
Vi = –7 to 15V; –In = 0V
–250
250
µA
Vith
Input Threshold Voltage
V+In > V–In
0.8
1.4
2
V
Viths
Input Threshold Hysteresis
Voltage
V+In > V–In
50
400
mV
Rid
Diff. Input Resistance
0 < +In < +16V ; –In = 0V
–7 < +In < 0V ; –In = 0V
400
150
K
Ω
K
Ω
Iilk
Input Offset Current
V+In = V–In
+Ii
0V < Vi <5.5V
–Ii
–20
–75
–25
+20
µA
µA
–In = GND
+Ii
0V < V+In <5.5V
–Ii
–250
+10
–125
+50
µA
µA
+In = GND
+Ii
0V < V–In <5.5V
–Ii
–100
–50
–30
–15
µA
µA
Voth1
Output Status Threshold 1
Voltage
(See fig. 1)
11.5
V
Voth2
Output Status Threshold 2
Voltage
(See fig. 1)
8.5
V
Vohys
Output Status Threshold
Hysteresis
(See fig. 1)
0.7
V
Iosd
Output Status Source Current
Vout >Voth1 ;Vos = 2.5V
2
4
mA
Vosd
Active Output Status Driver
Drop Voltage
VS – Vos ;Ios = 2mA
Tamb = -25 to +85
°C
5V
Ioslk
Output Status Driver Leakage
Current
Vout <Voth2 ;Vos =0V
VS = 18 to 35V
25
µA
Vdgl
Diagnostic Drop Voltage
D1 / D2 = L ; Idiag = 0.5mA
D1 / D2= L; Idiag = 3mA
250
1.5
mV
V
Idglk
Diagnostic Leakage Current
D1 / D2 =H ; 0 < Vdg < Vs
VS = 15.6 to 35V
25
µA
Vfdg
Clamping Diodes at the
Diagnostic Outputs.
Voltage Drop to VS
Idiag = 5mA; D1 / D2 = H
2
V
Note Vil < 0.8V, Vih > 2V @ (V+In > V–In)
TDE1890 - TDE1891
3/12



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com