Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MODEL802 Datasheet(PDF) 2 Page - Vishay Siliconix

Part # MODEL802
Description  1 13/16inch (46 mm) Ten Turn Wirewound Upper Grade Precision Potentiometer
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

MODEL802 Datasheet(HTML) 2 Page - Vishay Siliconix

  MODEL802 Datasheet HTML 1Page - Vishay Siliconix MODEL802 Datasheet HTML 2Page - Vishay Siliconix MODEL802 Datasheet HTML 3Page - Vishay Siliconix MODEL802 Datasheet HTML 4Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Model 802
1 13/16" (46 mm) Ten Turn Wirewound
Upper Grade Precision Potentiometer
Vishay Spectrol
Document Number: 57072
For technical questions, contact: sfer@vishay.com
www.vishay.com
Revision: 23-Mar-07
133
DIMENSIONS in inches (millimeters)
2.062
(52.37)
± 0.010
0.625
(15.88)
± 0.031
Ø 0.2497 TYP.
(6.34)
+ 0.0000
- 0.0003
Ø 2.000
(50.80)
Ø 1.875
(47.62)
+ 0.000
- 0.001
0.062
(1.57)
0.073 MIN.
(1.85)
0.093
(2.36)
MTG. FACE
Ø 1.812
(46.02)
± 0.015
Ø 0.125
(3.18)
3/
8 - 32 UNEF - 2A
0.062
(1.57)
MTG. FACE
0.219 TYP.
(5.56)
0.812
(20.62)
± 0.015
± 0.031
0.312
(7.92)
0.062
(1.57)
± 0.015
Ø 0.4062
(10.32)
+ 0.0000
- 0.0010
45°
± 10°
8 - 32 UNC - 2B 0.156
DEEP (3.96) 3 HOLES
EQUALLY SPACED ON A
1.250 DIA. (31.75) B.C
± 0.015
1.062 R MAX.
(26.97)
0.062
(1.57)
Ø 0.7500
(19.05)
+ 0.0000
- 0.0005
MTG. FACE
SCREW MOUNT
BUSHING MOUNT
SERVO MOUNT
0.301 MIN.
(7.64)
1
23
0.562
(14.27)
1
ADD 1.770 ± 0.010 (44.96) FOR EACH
ADDITIONAL SECTION
TOLERANCES: UNLESS OTHERWISE NOTED.
DECIMALS ± 0.005 ANGLES ± 2°
CW
SCHEMATIC
2
3
1
1
MECHANICAL SPECIFICATIONS
PARAMETER
Rotation
3600° + 10° - 0°
Bearing Type
SERVO
Ball bearing
BUSHING
Sleeve
SCREW
Ball bearing
Torque (Maximums)
Servo or Screw Section 1
Bushing Section 1
Each Additional Section
MAX STARTING
1.20 oz. - in (86.4 g - cm)
1.75 oz. - in (126.0 g - cm)
0.80 oz. - in (57.6 g - cm)
MAX RUNNING
0.80 oz. - in (57.6 g - cm)
1.25 oz. - in (90.0 g - cm)
0.60 oz. - in (43.2 g - cm)
Mechanical Runouts (Maximums):
Shaft (TIR/in)
Pilot Dia. Runout (TIR)
Lateral Runout (TIR)
Shaft End Play
Shaft Radial Play
SERVO OR SCREW
0.002" (0.05 cm)
0.002" (0.05 cm)
0.003" (0.08 cm)
0.005" (0.13 cm)
0.002" (0.05 cm)
BUSHING
0.002" (0.05 cm)
0.002" (0.05 cm)
0.005" (0.13 cm)
0.005" (0.13 cm)
0.003" (0.08 cm)
Weight:
Single Section
Each Additional Section
5.5 oz. (156 g)
3.7 oz. (105 g)
Stop Strength
1000 oz. - in, static (72 kg - cm)
Ganging
3 sections maximum terminal alignment, added
sections within ± 10° of section 1 terminals
Moment of Inertia
15 g - cm2 per section maximum



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com