Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TR3 Datasheet(PDF) 2 Page - Vishay Siliconix

Part # TR3
Description  Solid Tantalum Surface Mount Capacitors TANTAMOUNT짰 Molded Case, Low ESR
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

TR3 Datasheet(HTML) 2 Page - Vishay Siliconix

  TR3 Datasheet HTML 1Page - Vishay Siliconix TR3 Datasheet HTML 2Page - Vishay Siliconix TR3 Datasheet HTML 3Page - Vishay Siliconix TR3 Datasheet HTML 4Page - Vishay Siliconix TR3 Datasheet HTML 5Page - Vishay Siliconix TR3 Datasheet HTML 6Page - Vishay Siliconix TR3 Datasheet HTML 7Page - Vishay Siliconix TR3 Datasheet HTML 8Page - Vishay Siliconix TR3 Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
TR3
Vishay Sprague
Solid Tantalum Surface Mount Capacitors
TANTAMOUNT® Molded Case, Low ESR
www.vishay.com
For technical questions, contact: tantalum@vishay.com
Document Number: 40080
54
Revision: 22-Apr-08
RATINGS AND CASE CODES
µF
4 V
6.3 V
10 V
16 V
20 V
25 V
35 V
50 V
0.47
A
0.68
A
1.0
AA
A/B
B/C
1.5
AB/C
C
2.2
A
A
A
A/B
B/C
B/C/D
3.3
A
A
A/B
C
C/D
4.7
A
A/B
A/B
A/B/C
B/C
C/D/E
6.8
A
A
A/B
B/C
C/D
D/E
10
A
A/B
A/B/C
B/C
B/C/D
C/D
D/E
15
A
A
A/B
B/C
B/C
B/C/D
D/E
22
A
A/B
A/B/C
B/C
B/C/D
C/D/V
D/E
33
A/B
A/B
B/C
B/C/D
C/D
D/E
47
A/B
A/B/C
B/C/D
C/D
D/E
D/E
68
B/C
B/C/D
B/C/D/E/V
D
D/E
100
A/B/C
B/C/D/V
C/D/E/V
D/E
E
150
B/C/D
C/D/E
D/E
D/E
220
B/C/D
C/D/E
D/E
E
330
D
D/E
D/E
470
D/E
D/E
E
680
E
E
1000
E
Note:
* Preliminary values, contact factory for availability.
MARKING
“A” CASE VOLTAGE CODE
VOLTS
CODE
4.0
G
6.3
J
10
A
16
C
20
D
25
E
35
V
50
T
Marking:
Capacitor marking includes an anode (+) polarity band, capacitance in microfarads and the voltage rating. “A” Case capacitors use a letter
code for the voltage and EIA capacitance code.
The Vishay Sprague® trademark is included if space permits. Capacitors rated at 6.3 V are marked 6 V.
A manufacturing date code is marked on all capacitors.
Call the factory for further explanation.
Capacitance
Code, pF
Indicates
Low ESR
Polarity Band (+)
Voltage
Code
V 104R
A Case
Date Code
Vishay
Sprague
Logo
Indicates
Low ESR
Voltage
Capacitance
µF
Polarity
Band (+)
22
R10
XX
2
B, C, D, E, V Cases



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com