Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TS6 Datasheet(PDF) 2 Page - Vishay Siliconix

Part # TS6
Description  Multi-Turn Surface Mount Miniature 1/4" Square Ceremt Trimmers, Fully Sealed
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

TS6 Datasheet(HTML) 2 Page - Vishay Siliconix

  TS6 Datasheet HTML 1Page - Vishay Siliconix TS6 Datasheet HTML 2Page - Vishay Siliconix TS6 Datasheet HTML 3Page - Vishay Siliconix TS6 Datasheet HTML 4Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
www.vishay.com
For technical questions, contact: sfer@vishay.com
Document Number: 51010
28
Revision: 26-Jun-07
TS6
Vishay Sfernice
Multi-Turn Surface Mount
Miniature 1/4" Square Ceremt Trimmers, Fully Sealed
MECHANICAL SPECIFICATIONS
Mechanical Travel
15 turns ± 5
Operating Torque (max. Ncm)
1.5
End Stop Torque
clutch action
Unit Weight (max. g)
0.5
Wiper (actual travel)
positioned at approx. 50 %
ENVIRONMENTAL SPECIFICATIONS
Temperature Range
- 55 °C to + 155 °C
Climatic Category
55/125/56
Sealing
fully sealed container
solder immersion IP67
POWER RATING CHART
ELECTRICAL SPECIFICATIONS
Resistive Element
Cermet
Electrical Travel
13 turns ± 2
Resistance Range
10
Ω to 2 MΩ
Standard Series E3 and Series
1 - 2.2 - 4.7 and 1 - 2 - 5
Tolerance
Standard
± 10 %
On request
± 5 %
Power Rating Linear
0.25 W at 85 °C
Temperature Coefficient
See Standard Resistance Element Data
Limiting Element Voltage (Linear Law)
250 V
Contact Resistance Variation
2 % Rn or 2
Ω
End Resistance (Typical)
1
Ω
Dielectric Strength (RMS)
1000 V
Insulation Resistance
106 M
Ω
0.25
0.125
0
0
50
85 100
155
AMBIENT TEMPERATURE IN °C
PERFORMANCE
CECC 41100
TYPICAL VALUES AND DRIFTS
TESTS
CONDITIONS
ΔRT
RT
(%) REQUIREMENTS
ΔR1-2
R1-2
(%)
ΔRT
RT
(%)
ΔR1-2
R1-2
(%)
Climatic Sequence
Phase A dry heat 125 °C
Phase B damp heat
Phase C cold - 55 °C
Phase D damp heat 5 cycles
± 2 %
± 3 %
± 0.5 %
± 1 %
Long Term Damp Heat
56 days
40 °C 93 % RH
± 2 %
± 3 %
± 0.5 %
± 1 %
Dielectric strength: 250 V RMS
Insulation resistance: > 100 M
Ω
Dielectric strength: 1000 V RMS
Insulation resistance: > 104 M
Ω
Rotational Life
(Electrical, Mechanical)
200 cycles at rated power
± 2 %
± (2 % + 3
Ω)
Contact res. variat.: < 3 % Rn
Contact res. variat.: < 1 % Rn
Load Life
1000 h at rated power
90’/30’ - ambient temp. 85 °C
± 2 %
± 4 %
± 1 %
± 2 %
Contact res. variat.: < 3 % Rn
Contact res. variat.: < 1 % Rn
Thermal Shock
5 cycles
- 55 °C to + 125 °C
± 1.5 %
ΔV1-2
V1-3
± 1 %
± 0.5 %
ΔV1-2
V1-3
< ± 1 %
Shock
50 g at 11m secs
3 successive shocks
in 3 directions
± 1 %
± 2 %
± 0.1 %
± 0.2 %
Vibration
10 - 55 Hz
0.75 mm or 10 g
for 6 hours
± 1 %
ΔV1-2
V1-3
± 2 %
± 0.1 %
ΔV1-2
V1-3
< ± 0.2 %



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com