Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TS63 Datasheet(PDF) 3 Page - Vishay Siliconix

Part # TS63
Description  Multi-Turn Surface Mount Miniature 1/4" Square Cermet Trimmers, Fully Sealed
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

TS63 Datasheet(HTML) 3 Page - Vishay Siliconix

  TS63 Datasheet HTML 1Page - Vishay Siliconix TS63 Datasheet HTML 2Page - Vishay Siliconix TS63 Datasheet HTML 3Page - Vishay Siliconix TS63 Datasheet HTML 4Page - Vishay Siliconix TS63 Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
www.vishay.com
For technical questions, contact: sfer@vishay.com
Document Number: 51011
32
Revision: 24-Jul-07
TS63
Vishay Sfernice
Multi-Turn Surface Mount
Miniature 1/4" Square Cermet Trimmers, Fully Sealed
MARKING
Printed: VISHAY trademark, model, style, ohmic value (in Ω,
kΩ, MΩ), tolerance (in %) only if non standard, manufacturing
date, marking of terminal 3.
SOLDERING RECOMMENDATION
Soldering cycle: 10 s at 220 °C max or with an 40 W iron:
3 s at 350 °C
Soldering is recommended by reflow or vapour phase.
STANDARD RESISTANCE ELEMENT DATA
STANDARD
RESISTANCE
VALUES
LINEAR LAW
TYPICAL
TCR
- 55 °C
+ 125 °C
MAX.
POWER
AT 85 °C
MAX.
WORKING
VOLTAGE
MAX. CUR.
THROUGH
WIPER
Ω
WV
mA
ppm/°C
10
20
50
100
200
500
1K
2K
5K
10K
20K
25K
50K
100K
200K
250K
500K
1M
2M
0.25
0.25
0.25
0.13
0.06
0.03
1.58
2.23
3.53
5.00
7.07
11.2
15.8
22.3
35.3
50.0
70.7
79.0
112
158
224
250
250
250
250
158
112
77
50
35
22
15.8
11.2
7.1
5.0
3.5
3.2
2.2
1.6
1.1
1.1
0.50
0.25
0.125
± 100
PACKAGING
- X, Y and Z types: on tape and reel (Dia. 330 mm) of 500 pieces, code TR500.
- On request in magazine pack by 50 pieces (Tube) code TU.
2
12
4
Ø 1.5
+ 0.1
- 0
1.8
16
6
0.3
Ø 1.5
Version X.Y
3
Ø 330
22.4
Ø 13
16
Ø 1.5
Ø 1.5
12
4
2
2
12° MAX
6.05
7.06
0.3
Version Z



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com