Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TPC22 Datasheet(PDF) 3 Page - Vishay Siliconix

Part # TPC22
Description  Surface Mount Automotive Transient Voltage Suppressors
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

TPC22 Datasheet(HTML) 3 Page - Vishay Siliconix

  TPC22 Datasheet HTML 1Page - Vishay Siliconix TPC22 Datasheet HTML 2Page - Vishay Siliconix TPC22 Datasheet HTML 3Page - Vishay Siliconix TPC22 Datasheet HTML 4Page - Vishay Siliconix TPC22 Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
New Product
TPC6.8 thru TPC43A
Vishay General Semiconductor
Document Number: 89056
Revision: 04-Aug-08
For technical questions within your region, please contact one of the following:
PDD-Americas@vishay.com, PDD-Asia@vishay.com, PDD-Europe@vishay.com
www.vishay.com
3
Note
(1) High reliability/automotive grade (AEC-Q101 qualified)
RATINGS AND CHARACTERISTICS CURVES
(TA = 25 °C unless otherwise noted)
ORDERING INFORMATION (Example)
PREFERRED P/N
UNIT WEIGHT (g)
PREFERRED PACKAGE CODE
BASE QUANTITY
DELIVERY MODE
TPC10AHE3/86A (1)
0.10
86A
1500
7" diameter plastic tape and reel
TPC10AHE3/87A (1)
0.10
87A
6500
13" diameter plastic tape and reel
TPC10AHM3/86A (1)
0.10
86A
1500
7" diameter plastic tape and reel
TPC10AHM3/87A (1)
0.10
87A
6500
13" diameter plastic tape and reel
Figure 1. Peak Pulse Power Rating Curve
Figure 2. Pulse Power or Current vs. Initial Junction Temperature
0.1
1
10
100
0.1 µs
1.0 µs
10 µs
100 µs
1.0 ms
10 ms
td - Pulse Width (s)
T
A = 25 °C
Non-Repetitive Pulse
Waveform shown in Fig. 3
0
25
50
75
100
0
50
100
150
200
TJ - Initial Temperature (°C)
Figure 3. Pulse Waveform
Figure 4. Typical Junction Capacitance
0
50
100
150
t
r = 10 µs
Peak Value
I
PPM
Half Value -
I
PPM
I
PP
2
t
d
10/1000 µs Waveform
as defined by R.E.A.
0
1.0
2.0
3.0
4.0
t - Time (ms)
T
J = 25 °C
Pulse Width (t
d)
is defined as the Point
where the Peak Current
decays to 50 % of I
PPM
10
100
1000
10 000
1
10
100
VBR - Breakdown Voltage (V)
T
J = 25 °C
f = 1.0 MHz
V
sig = 50 mVp-p
V
R, measured at
Zero Bias
V
R measured at
Stand-Off Voltage, V
WM



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com