Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TPC24 Datasheet(PDF) 2 Page - Vishay Siliconix

Part # TPC24
Description  Surface Mount Automotive Transient Voltage Suppressors
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

TPC24 Datasheet(HTML) 2 Page - Vishay Siliconix

  TPC24 Datasheet HTML 1Page - Vishay Siliconix TPC24 Datasheet HTML 2Page - Vishay Siliconix TPC24 Datasheet HTML 3Page - Vishay Siliconix TPC24 Datasheet HTML 4Page - Vishay Siliconix TPC24 Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
New Product
TPC6.8 thru TPC43A
Vishay General Semiconductor
www.vishay.com
For technical questions within your region, please contact one of the following:
PDD-Americas@vishay.com, PDD-Asia@vishay.com, PDD-Europe@vishay.com
Document Number: 89056
Revision: 04-Aug-08
2
Notes
(1) V
BR measured after IT applied for 300 µs, IT = square wave pulse or equivalent
(2) Surge current waveform per Fig. 3 and derated per Fig. 2
(3) All terms and symbols are consistent with ANSI/IEEE C62.35
ELECTRICAL CHARACTERISTICS (TA = 25 °C unless otherwise noted)
DEVICE
TYPE
DEVICE
MARKING
CODE
BREAKDOWN
VOLTAGE
VBR
(1) AT I
T
(V)
TEST
CURRENT
IT
(mA)
STAND-OFF
VOLTAGE
VWM
(V)
MAXIMUM
REVERSE
LEAKAGE
AT VWM
IR (µA)
TJ = 150 °C
MAXIMUM
REVERSE
LEAKAGE
AT VWM
ID (µA)
MAXIMUM
PEAK
PULSE SURGE
CURRENT
IPPM
(2) (A)
MAXIMUM
CLAMPING
VOLTAGE
AT IPPM
VC (V)
MIN.
MAX.
TPC6.8
DDP
6.12
7.48
10.0
5.50
1500
10 000
139.0
10.8
TPC6.8A
DEP
6.45
7.14
10.0
5.80
1500
10 000
143.0
10.5
TPC7.5
DFP
6.75
8.25
10.0
6.05
500
5000
128.0
11.7
TPC7.5A
DGP
7.13
7.88
10.0
6.40
500
5000
133.0
11.3
TPC8.2
DHP
7.38
9.02
10.0
6.63
200
2000
120.0
12.5
TPC8.2A
DKP
7.79
8.61
10.0
7.02
200
2000
124.0
12.1
TPC9.1
DLP
8.19
10.0
1.0
7.37
50
500
109.0
13.8
TPC9.1A
DMP
8.65
9.55
1.0
7.78
50
500
112.0
13.4
TPC10
DNP
9.00
11.0
1.0
8.10
20
200
100.0
15.0
TPC10A
DPP
9.50
10.5
1.0
8.55
20
200
103.0
14.5
TPC11
DQP
9.90
12.1
1.0
8.92
5.0
50
92.6
16.2
TPC11A
DRP
10.5
11.6
1.0
9.40
5.0
50
96.2
15.6
TPC12
DSP
10.8
13.2
1.0
9.72
2.0
10
86.7
17.3
TPC12A
DTP
11.4
12.6
1.0
10.2
2.0
10
89.8
16.7
TPC13
DUP
11.7
14.3
1.0
10.5
2.0
10
78.9
19.0
TPC13A
DVP
12.4
13.7
1.0
11.1
2.0
10
82.4
18.2
TPC15
DWP
13.5
16.5
1.0
12.1
1.0
10
68.2
22.0
TPC15A
DXP
14.3
15.8
1.0
12.8
1.0
10
70.8
21.2
TPC16
DYP
14.4
17.6
1.0
12.9
1.0
10
63.8
23.5
TPC16A
DZP
15.2
16.8
1.0
13.6
1.0
10
66.7
22.5
TPC18
EDP
16.2
19.8
1.0
14.5
1.0
10
56.6
26.5
TPC18A
EEP
17.1
18.9
1.0
15.3
1.0
10
59.5
25.2
TPC20
EFP
18.0
22.0
1.0
16.2
1.0
10
51.5
29.1
TPC20A
EGP
19.0
21.0
1.0
17.1
1.0
10
54.2
27.7
TPC22
EHP
19.8
24.2
1.0
17.8
1.0
10
47.0
31.9
TPC22A
EKP
20.9
23.1
1.0
18.8
1.0
10
49.0
30.6
TPC24
ELP
21.6
26.4
1.0
19.4
1.0
10
43.2
34.7
TPC24A
EMP
22.8
25.2
1.0
20.5
1.0
10
45.2
33.2
TPC27
ENP
24.3
29.7
1.0
21.8
1.0
10
38.4
39.1
TPC27A
EPP
25.7
28.4
1.0
23.1
1.0
10
40.0
37.5
TPC30
EQP
27.0
33.0
1.0
24.3
1.0
10
34.5
43.5
TPC30A
ERP
28.5
31.5
1.0
25.6
1.0
10
36.2
41.4
TPC33
ESP
29.7
36.3
1.0
26.8
1.0
10
31.4
47.7
TPC33A
ETP
31.4
34.7
1.0
28.2
1.0
10
32.8
45.7
TPC36
EUP
32.4
39.6
1.0
29.1
1.0
15
28.8
52.0
TPC36A
EVP
34.2
37.8
1.0
30.8
1.0
15
30.1
49.9
TPC39
EWP
35.1
42.9
1.0
31.6
1.0
15
26.6
56.4
TPC39A
EXP
37.1
41.0
1.0
33.3
1.0
15
27.8
53.9
TPC43
EYP
38.7
47.3
1.0
34.8
1.0
20
24.2
61.9
TPC43A
EZP
40.9
45.2
1.0
36.8
1.0
20
25.3
59.3



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com