Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TP3B685 Datasheet(PDF) 1 Page - Vishay Siliconix

Part # TP3B685
Description  Solid Tantalum Surface Mount Capacitors TANTAMOUNT® Molded Case, High Performance
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

TP3B685 Datasheet(HTML) 1 Page - Vishay Siliconix

  TP3B685 Datasheet HTML 1Page - Vishay Siliconix TP3B685 Datasheet HTML 2Page - Vishay Siliconix TP3B685 Datasheet HTML 3Page - Vishay Siliconix TP3B685 Datasheet HTML 4Page - Vishay Siliconix TP3B685 Datasheet HTML 5Page - Vishay Siliconix TP3B685 Datasheet HTML 6Page - Vishay Siliconix TP3B685 Datasheet HTML 7Page - Vishay Siliconix TP3B685 Datasheet HTML 8Page - Vishay Siliconix TP3B685 Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
TP3
Vishay Sprague
Solid Tantalum Surface Mount Capacitors
TANTAMOUNT® Molded Case, High Performance
Document Number: 40116
For technical questions, contact: tantalum@vishay.com
www.vishay.com
Revision: 04-Jun-08
53
FEATURES
• Terminations: 100 % matte tin, standard tin/lead
available
• Molded case available in five case codes
• Compatible with “High Volume” automatic pick
and place equipment
• High Ripple Current carrying capability
• Low ESR
• Meets
EIA
535BAAC
and
IEC
Specification
QC300801/US0001
mechanical
and
performance
requirements
• Compliant terminations
• 100 % surge current tested (B, C, D and E case sizes)
• AEC-Q200 qualified
PERFORMANCE/ELECTRICAL CHARACTERISTICS
Operating Temperature: - 55 °C to + 125 °C
Note: Refer to doc. 40088
Capacitance Range: 0.10 µF to 470 µF
Capacitance Tolerance: ± 10 %, ± 20 %
Voltage Rating: 4 VDC to 50 VDC
Note:
We reserve the right to supply higher voltage ratings and tighter capacitance tolerance capacitors in the same case size.
Voltage substitutions will be marked with the higher voltage rating.
* Pb containing terminations are not RoHS compliant, exemptions may apply
Available
Pb-free
RoHS*
COMPLIANT
ORDERING INFORMATION
TP3
D
226
K
035
C
0500
AS
TYPE
CASE CODE
CAPACITANCE
CAPACITANCE
TOLERANCE
DC VOLTAGE
RATING AT + 85 °C
TERMINATION/
PACKAGING
ESR
SPECIFICATION
OPTION
See Ratings
and Case
Codes Table
This is expressed
in picofarads. The
first two digits are
the significant
figures. The third
is the number of
zeros to follow.
K = ± 10 %
M = ± 20 %
This is expressed in V.
To complete the
three-digit block, zeros
precede the voltage
rating. A decimal point
is indicated by an “R”
(6R3 = 6.3 V)
C = Matte Tin/7"
(178 mm) reels
D = Matte Tin/13"
(330 mm) reels
E = Tin/Lead/7"
(178 mm) reels
F = Tin/Lead/13"
(330 mm) reels
Maximum
100 kHz ESR
0500 = 500 m
Ω
5000 = 5.0
Ω
10R0 = 10.0
Ω
AS = Standard
DIMENSIONS in inches [millimeters]
CASE CODE
EIA SIZE
L
W
H
P
TW
TH MIN.
A
3216-18
0.126 ± 0.008
[3.2 ± 0.20]
0.063 ± 0.008
[1.6 ± 0.20]
0.063 ± 0.008
[1.6 ± 0.20]
0.031 ± 0.012
[0.80 ± 0.30]
0.047 ± 0.004
[1.2 ± 0.10]
0.028
[0.70]
B
3528-21
0.138 ± 0.008
[3.5 ± 0.20]
0.110 ± 0.008
[2.8 ± 0.20]
0.075 ± 0.008
[1.9 ± 0.20]
0.031 ± 0.012
[0.80 ± 0.30]
0.087 ± 0.004
[2.2 ± 0.10]
0.028
[0.70]
C
6032-28
0.236 ± 0.012
[6.0 ± 0.30]
0.126 ± 0.012
[3.2 ± 0.30]
0.098 ± 0.012
[2.5 ± 0.30]
0.051 ± 0.012
[1.3 ± 0.30]
0.087 ± 0.004
[2.2 ± 0.10]
0.039
[1.0]
D
7343-31
0.287 ± 0.012
[7.3 ± 0.30]
0.170 ± 0.012
[4.3 ± 0.30]
0.110 ± 0.012
[2.8 ± 0.30]
0.051 ± 0.012
[1.3 ± 0.30]
0.095 ± 0.004
[2.4 ± 0.10]
0.039
[1.0]
E
7343-43
0.287 ± 0.012
[7.3 ± 0.30]
0.170 ± 0.012
[4.3 ± 0.30]
0.158 ± 0.012
[4.0 ± 0.30]
0.051 ± 0.012
[1.3 ± 0.30]
0.095 ± 0.004
[2.4 ± 0.10]
0.039
[1.0]
L
T
MIN.
H
H
W
TW
P


Similar Part No. - TP3B685

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
TP3B685K010C1200AS VISHAY-TP3B685K010C1200AS Datasheet
600Kb / 23P
Solid Tantalum Surface Mount Chip Capacitors
22-Jun-17
TP3B685K010C2900AS VISHAY-TP3B685K010C2900AS Datasheet
600Kb / 23P
Solid Tantalum Surface Mount Chip Capacitors
22-Jun-17
TP3B685K016C2500AS VISHAY-TP3B685K016C2500AS Datasheet
600Kb / 23P
Solid Tantalum Surface Mount Chip Capacitors
22-Jun-17
TP3B685K020C1000AS VISHAY-TP3B685K020C1000AS Datasheet
600Kb / 23P
Solid Tantalum Surface Mount Chip Capacitors
22-Jun-17
TP3B685K020C2500AS VISHAY-TP3B685K020C2500AS Datasheet
600Kb / 23P
Solid Tantalum Surface Mount Chip Capacitors
22-Jun-17
More results

Similar Description - TP3B685

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
293D VISHAY-293D_08 Datasheet
109Kb / 9P
Solid Tantalum Surface Mount Capacitors TANTAMOUNT® Molded Case, Standard Industrial Grade
05-May-08
593D VISHAY-593D_08 Datasheet
117Kb / 6P
Solid Tantalum Surface Mount Capacitors TANTAMOUNT® , Molded Case, Low ESR
20-Oct-08
793DX VISHAY-793DX Datasheet
110Kb / 9P
Solid Tantalum Surface Mount Capacitors TANTAMOUNT® Molded Case, CECC Approved
14-May-08
593D156X0035D2TE3 VISHAY-593D156X0035D2TE3 Datasheet
103Kb / 8P
Solid Tantalum Surface Mount Chip Capacitors TANTAMOUNT®, Molded Case, Low ESR
09-Apr-13
593D476X9016D2T VISHAY-593D476X9016D2T Datasheet
103Kb / 8P
Solid Tantalum Surface Mount Chip Capacitors TANTAMOUNT®, Molded Case, Low ESR
08-Oct-12
593D106X9035D2TE3 VISHAY-593D106X9035D2TE3 Datasheet
103Kb / 8P
Solid Tantalum Surface Mount Chip Capacitors TANTAMOUNT®, Molded Case, Low ESR
04-Jul-13
TR3D477K6R3C0200 VISHAY-TR3D477K6R3C0200 Datasheet
432Kb / 29P
Solid Tantalum Surface Mount Chip Capacitors TANTAMOUNT®, Molded Case, Low ESR
19-Jul-13
293D477X96R3E2TE3 VISHAY-293D477X96R3E2TE3 Datasheet
115Kb / 9P
Solid Tantalum Surface Mount Capacitors TANTAMOUNT® Molded Case, Standard Industrial Grade
02-Jun-09
TR3B476K6R3C0500 VISHAY-TR3B476K6R3C0500 Datasheet
157Kb / 14P
Solid Tantalum Surface Mount Capacitors TANTAMOUNT® Molded Case, Low ESR
20-Feb-09
593D105X9035B2TE3 VISHAY-593D105X9035B2TE3 Datasheet
438Kb / 18P
Solid Tantalum Surface Mount Chip Capacitors TANTAMOUNT®, Molded Case, Low ESR
08-Jan-14
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com