Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EB8 Datasheet(PDF) 4 Page - Vishay Siliconix

Part # EB8
Description  Edgeboard Connectors 200°C Burn-In Connectors, Dual Readout
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

EB8 Datasheet(HTML) 4 Page - Vishay Siliconix

  EB8 Datasheet HTML 1Page - Vishay Siliconix EB8 Datasheet HTML 2Page - Vishay Siliconix EB8 Datasheet HTML 3Page - Vishay Siliconix EB8 Datasheet HTML 4Page - Vishay Siliconix EB8 Datasheet HTML 5Page - Vishay Siliconix EB8 Datasheet HTML 6Page - Vishay Siliconix EB8 Datasheet HTML 7Page - Vishay Siliconix EB8 Datasheet HTML 8Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
www.vishay.com
23
EB4, EB6, EB7, EB8
Vishay Dale
Document Number 36006
Revision 14-Aug-02
For technical questions, contact Connectors@vishay.com
DIMENSIONS in inches [millimeters]
When ordering connectors using the above Part Numbers:
❑ = Indicate “E” for Card Extender, “K” for Wire Wrap™ or “3R” for Right Angle Terminals.
∆ = Indicate “X” for Standard Mounting, “XF” for Flush Mounting or “XS” for Side Mounting.
EB4 .100" [2.54mm] C-C
ORDERING INFORMATION
# OF CONTACT
CARD
MODEL -
POSITIONS
SLOT
PART NUMBER
PER SIDE
A
B
C
D
E
DEPTH
EB45-P❑6G
∆
6
1.435 [36.45]
1.175 [29.85]
0.700 [17.78]
0.860 [24.84]
0.750 [19.05]
0.300 [7.62]
EB45-P❑10G
∆
10
1.835 [46.61]
1.575 [40.00]
1.100 [27.94]
1.260 [32.00]
1.150 [29.21]
0.300 [7.62]
EB45-P❑12G
∆
12
2.035 [51.69]
1.775 [45.08]
1.300 [33.02]
1.460 [37.08]
1.350 [34.29]
0.300 [7.62]
EB45-P❑15G
∆
15
2.335 [59.31]
2.075 [52.70]
1.600[40.64]
1.760 [44.70]
1.650 [41.91]
0.300 [7.62]
EB45-P❑18G
∆
18
2.635 [66.93]
2.375 [60.32]
1.900 [48.26]
2.060 [52.32]
1.950 [49.53]
0.300 [7.62]
EB45-P❑20G
∆
20
2.835 [72.01]
2.575 [65.40]
2.100 [53.34]
2.260 [57.40]
2.150 [54.61]
0.300 [7.62]
EB45-P❑22G
∆
22
3.035 [77.09]
2.775 [70.48]
2.300 [58.42]
2.460 [62.48]
2.350 [59.69]
0.300 [7.62]
EB45-P❑25G
∆
25
3.335 [84.71]
3.075 [78.10]
2.600 [66.04]
2.760 [70.10]
2.650 [67.31]
0.300 [7.62]
EB45-P❑28G
∆
28
3.635 [92.33]
3.375 [85.72]
2.900 [73.66]
3.060 [77.72]
2.950 [74.93]
0.300 [7.62]
EB45-P❑30G
∆
30
3.835 [97.41]
3.575 [90.80]
3.100 [78.74]
3.260 [82.80]
3.150 [80.01]
0.300 [7.62]
EB45-P❑31G
∆
31
3.935 [99.95]
3.675 [93.34]
3.200 [81.28]
3.360 [85.34]
3.250 [82.55]
0.300 [7.62]
EB45-P❑35G
∆
35
4.335 [110.11]
4.075 [103.50]
3.600 [91.44]
3.760 [95.50]
3.650 [92.71]
0.300 [7.62]
EB45-P❑36G
∆
36
4.435 [112.65]
4.175 [106.04]
3.700 [93.98]
3.860 [98.04]
3.750 [95.25]
0.300 [7.62]
EB45-P❑40G
∆
40
4.835 [122.81]
4.575 [116.20]
4.100 [104.14]
4.260 [108.20]
4.150 [105.41] 0.300 [7.62]
EB45-P❑43G
∆
43
5.135 [130.43]
4.875 [123.82]
4.400 [111.76]
4.560 [115.82]
4.450 [113.03] 0.300 [7.62]
EB45-P❑44G
∆
44
5.235 [132.97]
4.975 [126.36]
4.500 [114.30]
4.660 [118.36]
4.550 [115.57] 0.300 [7.62]
EB45-P❑48G
∆
48
5.635 [143.13]
5.375 [136.52]
4.900 [124.46]
5.060 [128.52]
4.950 [125.73] 0.300 [7.62]
EB45-P❑49G
∆
49
5.735 [145.67]
5.475 [139.06]
5.000 [127.00]
5.160 [131.06]
5.050 [128.27] 0.300 [7.62]
EB45-P❑50G
∆
50
5.835 [148.21]
5.575 [141.60]
5.100 [129.54]
5.260 [133.60]
5.150 [130.81] 0.300 [7.62]
EB45-P❑60G
∆
60
6.835 [173.61]
6.575 [167.00]
6.100 [154.94]
6.260 [159.00]
6.150 [156.21] 0.300 [7.62]
EB45-P❑65G
∆
65
7.335 [186.31]
7.075 [179.70]
6.600 [167.64]
6.760 [171.70]
6.650 [168.91] 0.300 [7.62]
0.365
[9.27]
B
C
0.100
[2.54]
Typ.
A
0.060
[1.52]
R Typ.
.050
[1.27]
Typ.
D
0.250
[6.35]
Typ.
0.610 [15.49]
Typ.
E
0.287
[7.29]
See table for
contact and
mounting variations
0.430
[10.92]
Typ.
0.342
[8.69]
Typ.
0.060 [1.52] Typ.
0.180
[4.57]
Typ.
Edgeboard Connectors
200
°C Burn-in Connectors, Dual Readout



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com