Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ISC-1008 Datasheet(PDF) 1 Page - Vishay Siliconix

Part # ISC-1008
Description  Surface Mount Wirewound Shielded Inductor
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

ISC-1008 Datasheet(HTML) 1 Page - Vishay Siliconix

  ISC-1008_06 Datasheet HTML 1Page - Vishay Siliconix ISC-1008_06 Datasheet HTML 2Page - Vishay Siliconix ISC-1008_06 Datasheet HTML 3Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Document Number: 34173
For technical questions, contact: magnetics@vishay.com
www.vishay.com
Revision: 10-Aug-06
105
ISC-1008
Vishay Dale
Surface Mount Wirewound Shielded Inductor
FEATURES
• Excellent solderability and resistance to soldering heat
• Suitable for reflow soldering
• High reliability and easy surface mount assembly
• Wide range of inductance values available
• Tape and reel packaging for automatic handling,
750/reel, EIA 481
• 100 % lead (Pb)-free and RoHS compliant
RoHS
COMPLIANT
*For 15 °C rise
STANDARD ELECTRICAL SPECIFICATIONS
IND.
(µH)
at 100 kHz
TOL.
Q
MIN.
at
1 MHz
SELF-
RESONANT
FREQ. MIN.
(MHz)
DCR
MAX.
(Ohms)
*RATED
DC
CURRENT
(mA)
1.0
1.5
1.8
2.7
3.9
4.7
5.6
6.8
± 20 %
± 20 %
± 20 %
± 20 %
± 20 %
± 20 %
± 20 %
± 20 %
35
35
35
38
38
38
38
38
344
260
225
185
175
160
150
120
0.05
0.06
0.09
0.14
0.26
0.35
0.40
0.60
1000
800
680
650
650
500
450
400
10
15
22
33
39
47
68
82
± 20 %
± 20 %
± 20 %
± 20 %
± 20 %
± 20 %
± 20 %
± 20 %
38
38
40
45
45
45
45
45
100
35
26
20
14
14
12
9.0
0.95
1.15
1.40
1.60
1.85
2.50
3.80
4.20
250
220
180
150
130
110
100
100
100
120
150
220
330
470
560
680
820
1000
± 20 %
± 20 %
± 20 %
± 20 %
± 20 %
± 20 %
± 20 %
± 20 %
± 20 %
± 20 %
45
45
40
40
40
35
35
30
30
30
7.0
6.0
5.6
4.0
3.8
2.0
2.0
1.8
1.5
1.3
5.80
6.20
7.50
10.0
11.5
16.5
18.0
24.0
26.0
30.0
80
60
50
50
50
50
30
30
30
30
RECOMMENDED PATTERN
A
B
C
0.128
[3.25]
0.049
[1.25]
0.098
[2.50]
ELECTRICAL SPECIFICATIONS
Inductance Range: 1 µH to 1000 µH
Operating Temperature: - 40 °C to 85 °C
Storage Temperature: - 40 °C to 125 °C
Material: Ferrite with magnetic shield
TEST EQUIPMENT
• Inductance and Q is measured in HP-4286A RF LCR
meter with HP-16193 fixture
• SRF is measured in HP-8753E RF network analyzer
• DCR is measured in HP-4338B millohmeter
DIMENSIONS in inches [millimeters]
LENGTH (L)
WIDTH (W)
HEIGHT (H)
TERMINAL (S)
0.142 ± 0.008
[3.60 ± 0.2]
0.142 ± 0.008
[3.60 ± 0.2]
0.098 ± 0.008
[2.50 ± 0.2]
0.020 ± 0.004
[0.50 ± 0.1]
AB
C
0.080 ± 0.004
[2.00 ± 0.1]
0.063 ± 0.008
[1.60 ± 0.2]
0.098 ± 0.004
[2.50 ± 0.1]
GLOBAL PART NUMBER
DESCRIPTION
PRODUCT FAMILY
SIZE
INDUCTANCE
VALUE
PACKAGE
CODE
TOL.
1
IS
C
8
00
E
R
1
0
0M
ISC-1008
10 µH
± 20 %
ER
e3
MODEL
INDUCTANCE
VALUE
INDUCTANCE
TOLERANCE
PACKAGE
CODE
JEDEC LEAD (Pb)-FREE
STANDARD
A
B
C
W
A
L
S
B
H
C


Similar Part No. - ISC-1008_06

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
ISC-1008ER100M VISHAY-ISC-1008ER100M Datasheet
288Kb / 2P
Surface Mount Wirewound Shielded Inductor
12-May-05
ISC-1008 VISHAY-ISC-1008_17 Datasheet
129Kb / 3P
Wirewound, Surface Mount, Shielded Inductor
10-Aug-06
More results

Similar Description - ISC-1008_06

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
ISC-1008 VISHAY-ISC-1008 Datasheet
288Kb / 2P
Surface Mount Wirewound Shielded Inductor
12-May-05
IMC-0402-01 VISHAY-IMC-0402-01 Datasheet
154Kb / 3P
Surface Mount Inductor, Wirewound
27-Oct-08
IMC-0603-01 VISHAY-IMC-0603-01 Datasheet
143Kb / 3P
Surface Mount Inductor, Wirewound
27-Oct-08
ISC1812ER121K VISHAY-ISC1812ER121K Datasheet
81Kb / 2P
Wirewound, Surface Mount, Molded, Shielded Inductors
11-Dec-12
logo
Bourns Electronic Solut...
CMH322522 BOURNS-CMH322522 Datasheet
192Kb / 2P
Shielded Wirewound Chip Inductor
logo
Vishay Siliconix
ISC1812ES101K VISHAY-ISC1812ES101K Datasheet
81Kb / 2P
Wirewound, Surface Mount, Molded, Shielded Inductors
11-Dec-12
ISC-1008 VISHAY-ISC-1008_17 Datasheet
129Kb / 3P
Wirewound, Surface Mount, Shielded Inductor
10-Aug-06
ISC-1210 VISHAY-ISC-1210_17 Datasheet
80Kb / 2P
Wirewound, Surface Mount, Molded, Shielded Inductors
02-Jun-15
ISC-1812 VISHAY-ISC-1812_17 Datasheet
94Kb / 3P
Wirewound, Surface Mount, Molded, Shielded Inductors
02-Jun-15
ISC1008 VISHAY-ISC1008 Datasheet
127Kb / 3P
Wirewound, Surface Mount, Shielded Inductor
10-Aug-06
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com