Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ISC-1210 Datasheet(PDF) 1 Page - Vishay Siliconix

Part # ISC-1210
Description  Surface Mount, Molded, Shielded Inductor
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

ISC-1210 Datasheet(HTML) 1 Page - Vishay Siliconix

  ISC-1210 Datasheet HTML 1Page - Vishay Siliconix ISC-1210 Datasheet HTML 2Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Surface Mount, Molded, Shielded Inductor
Document Number: 34060
For technical questions, contact: magnetics@vishay.com
www.vishay.com
Revision: 22-May-07
109
ISC-1210
Vishay Dale
FEATURES
• Molded construction provides superior strength
and moisture resistance
• Tape and reel packaging for automatic handling,
2000/reel, EIA 481
• Compatible with vapor phase, infrared and wave
soldering methods
• Shielded construction minimizes coupling to other components
• 100 % lead (Pb)-free and RoHS compliant
RoHS
COMPLIANT
*Rated DC Current based on the maximum temperature rise, not to
exceed 40 °C at + 85 °C ambient.
STANDARD ELECTRICAL SPECIFICATIONS
IND.
(µH)
TOL.
Q
MIN.
TEST
FREQ.
L & Q
(MHz)
SELF-
RESONANT
FREQ. MIN.
(MHz)
DCR
MAX.
(Ohms)
RATED*
DC
CURRENT
(mA)
0.010
0.012
0.015
0.018
0.022
0.027
0.033
0.039
0.047
0.056
0.068
0.082
± 20 %
± 20 %
± 20 %
± 20 %
± 20 %
± 20 %
± 20 %
± 20 %
± 20 %
± 20 %
± 20 %
± 20 %
50
50
50
50
45
45
45
40
40
40
40
38
50
50
50
50
50
50
50
50
50
50
50
50
1000
1000
1000
1000
1000
1000
1000
1000
1000
1000
1000
900
0.10
0.11
0.12
0.13
0.15
0.17
0.18
0.24
0.26
0.28
0.35
0.45
810
750
720
690
640
610
585
530
495
485
475
460
0.10
0.12
0.15
0.18
0.22
0.27
0.33
0.39
0.47
0.56
0.68
0.82
1.0
1.2
1.5
1.8
± 20 %
± 20 %
± 20 %
± 20 %
± 20 %
± 20 %
± 20 %
± 20 %
± 20 %
± 20 %
± 20 %
± 20 %
± 10 %
± 10 %
± 10 %
± 10 %
36
40
40
40
40
40
40
40
40
40
40
40
30
30
30
30
50
25.2
25.2
25.2
25.2
25.2
25.2
25.2
25.2
25.2
25.2
25.2
7.96
7.96
7.96
7.96
700
500
470
400
330
310
280
230
220
200
180
160
120
110
90.0
85.0
0.50
0.20
0.20
0.24
0.30
0.33
0.36
0.40
0.44
0.46
0.48
0.50
0.60
0.65
0.75
0.85
450
630
600
580
565
500
475
465
460
455
450
450
400
390
370
350
2.2
2.7
3.3
3.9
4.7
5.6
6.8
8.2
± 10 %
± 10 %
± 10 %
± 10 %
± 10 %
± 10 %
± 10 %
± 10 %
30
30
30
30
30
30
30
30
7.96
7.96
7.96
7.96
7.96
7.96
7.96
7.96
65.0
60.0
60.0
58.0
52.0
50.0
40.0
35.0
0.90
1.00
1.10
1.20
1.25
1.40
1.60
1.65
320
290
270
250
220
210
205
195
10.0
12.0
15.0
18.0
22.0
27.0
33.0
39.0
47.0
56.0
68.0
82.0
± 10 %
± 10 %
± 10 %
± 10 %
± 10 %
± 10 %
± 10 %
± 10 %
± 10 %
± 10 %
± 10 %
± 10 %
30
30
30
30
30
30
30
30
30
30
30
30
2.52
2.52
2.52
2.52
2.52
2.52
2.52
2.52
2.52
2.52
2.52
2.52
30.0
24.0
20.0
17.0
16.0
14.5
14.5
14.0
13.0
11.5
11.0
11.0
2.00
2.30
2.50
2.70
3.10
3.30
5.10
5.90
8.00
10.0
10.0
11.0
185
175
165
155
150
125
115
105
100
95
90
85
100.0
± 10 %
30
0.796
6.0
12.0
80
ELECTRICAL SPECIFICATIONS
Inductance Range: 0.01 µH to 100 µH
Inductance Tolerance: ± 20 % for 0.01 µH to 0.82 µH
± 10 % for 1.0 µH to 100 µH standard. 3 % and 5 %
tolerances available
Temperature Range: - 55 °C to + 125 °C
Coilform Material: Non-magnetic for 0.01 µH to 0.10 µH
Powdered Iron for 0.12 µH to 100 µH
TEST EQUIPMENT
• H/P 4342A Q meter with Vishay Dale test fixture or equivalent
• H/P 4191A RF Impedance Analyzer (for SRF measurements)
• Wheatstone Bridge
*Recommended minimum spacing between components.
DIMENSIONS in inches [millimeters]
PART MARKING
- Dale
- Inductance value
- Date code
PRODUCT FAMILY
SIZE
INDUCTANCE VALUE
PACKAGE CODE
TOL.
DESCRIPTION
ISC-1210
10 µH
± 10 %
ER
e3
MODEL
INDUCTANCE
INDUCTANCE
PACKAGE
JEDEC LEAD (Pb)-FREE
VALUE
TOLERANCE
CODE
STANDARD
GLOBAL PART NUMBER
IS
C
1
2
1
0
E
R
1
0
0
K
0.028 ± 0.004
[0.711 ± 0.102]
Typ.
0.006
[0.152]
Ref.
Typ.
0.087 ± 0.008
[2.21 ± 0.203]
0.073 [1.85]
Ref.
Guidelines for
Parallel Component
Printed Circuit
Mounting Pads on
ISC-1210
Chip Inductors
0.126 ± 0.008
[3.20 ± 0.203]
0.030
[0.762]
Typ.
0.098 ± 0.008
[2.49 ± 0.203]
0.040
[1.02]
0.118
[3.0]
0.118
[3.0]
0.020*
[0.508]
0.039
[1.0]
0.138
[3.5]
0.070
[1.8]
0.039
[1.0]


Similar Part No. - ISC-1210

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
ISC-1210 VISHAY-ISC-1210 Datasheet
138Kb / 1P
Surface Mount, Molded, Shielded Inductor
28-Aug-02
ISC-1210 VISHAY-ISC-1210 Datasheet
244Kb / 2P
SMD Magnetics Packaging Methods
15-Jan-14
ISC-1210 VISHAY-ISC-1210 Datasheet
80Kb / 2P
Wirewound, Surface Mount, Molded, Shielded Inductors
02-Jun-15
ISC-1210 VISHAY-ISC-1210 Datasheet
63Kb / 2P
Wirewound, Surface-Mount, Molded, Shielded Inductors
10-Sep-2019
logo
ORing Industrial Networ...
ISC-1210F-I ORING-ISC-1210F-I Datasheet
1,014Kb / 3P
Industrial RS-422/485 repeater
More results

Similar Description - ISC-1210

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
ISC1812 VISHAY-ISC1812 Datasheet
129Kb / 1P
Surface Mount, Molded, Shielded Inductors
28-Aug-02
ISC1210 VISHAY-ISC1210 Datasheet
138Kb / 1P
Surface Mount, Molded, Shielded Inductor
28-Aug-02
IMC-1210-100 VISHAY-IMC-1210-100 Datasheet
88Kb / 1P
Surface Mount, Molded Inductor
28-Aug-02
IMC-1812 VISHAY-IMC-1812 Datasheet
87Kb / 2P
Surface Mount, Molded Inductor
26-Feb-06
IMC-1812 VISHAY-IMC-1812_07 Datasheet
88Kb / 3P
Surface Mount, Molded Inductor
22-May-07
IMC-1210 VISHAY-IMC-1210 Datasheet
84Kb / 2P
Surface Mount, Molded Inductor
16-Jan-06
ISC-1008 VISHAY-ISC-1008_06 Datasheet
399Kb / 3P
Surface Mount Wirewound Shielded Inductor
10-Aug-06
ISC-1812 VISHAY-ISC-1812 Datasheet
282Kb / 3P
Surface Mount, Molded, Shielded Inductors
22-May-07
ISC-1008 VISHAY-ISC-1008_17 Datasheet
129Kb / 3P
Wirewound, Surface Mount, Shielded Inductor
10-Aug-06
ISC1008 VISHAY-ISC1008 Datasheet
127Kb / 3P
Wirewound, Surface Mount, Shielded Inductor
10-Aug-06
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com