Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IMS-2SWWD-3 Datasheet(PDF) 2 Page - Vishay Siliconix

Part # IMS-2SWWD-3
Description  Inductors
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

IMS-2SWWD-3 Datasheet(HTML) 2 Page - Vishay Siliconix

  IMS-2SWWD-3 Datasheet HTML 1Page - Vishay Siliconix IMS-2SWWD-3 Datasheet HTML 2Page - Vishay Siliconix IMS-2SWWD-3 Datasheet HTML 3Page - Vishay Siliconix IMS-2SWWD-3 Datasheet HTML 4Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
IMS-2SWWD-30
Vishay Dale
Inductors, Commercial, Subminiature,
Molded, Shielded
www.vishay.com
For technical questions contact magnetics@vishay.com
Document Number: 34046
20
Revision: 10-Aug-06
* Incremental Current: The DC current required to cause a 5 % reduction in the nominal inductance value
STANDARD ELECTRICAL SPECIFICATIONS
MODEL
IND.
(µH)
TOL.
Q
MIN.
TEST FREQ.
MIN.
(MHz)
SELF- RESONANT
FREQ. MIN.
(MHz)
DCR
MAX.
(Ohms)
RATED DC
CURRENT
(mA)
INCREMENTAL*
CURRENT
(mA)
IMS-2SWWD-30
1.0
± 10 %
38
25
135
0.170
678
> 1180
IMS-2SWWD-30
1.2
± 10 %
38
7.9
124
0.177
664
> 1150
IMS-2SWWD-30
1.5
± 10 %
38
7.9
114
0.212
607
> 1050
IMS-2SWWD-30
1.8
± 10 %
38
7.9
105
0.242
568
> 990
IMS-2SWWD-30
2.2
± 10 %
38
7.9
95
0.263
545
> 950
IMS-2SWWD-30
2.7
± 10 %
38
7.9
85
0.300
510
> 880
IMS-2SWWD-30
3.3
± 10 %
38
7.9
78
0.345
476
> 820
IMS-2SWWD-30
3.9
± 10 %
42
7.9
74
0.411
436
> 755
IMS-2SWWD-30
4.7
± 10 %
42
7.9
68
0.562
373
> 650
IMS-2SWWD-30
5.6
± 10 %
42
7.9
62
0.742
324
> 565
IMS-2SWWD-30
6.8
± 10 %
45
7.9
55
1.00
280
> 485
IMS-2SWWD-30
8.2
± 10 %
47
7.9
51
1.20
255
> 440
IMS-2SWWD-30
10
± 10 %
51
7.9
45
1.84
206
> 335
IMS-2SWWD-30
12
± 10 %
51
2.5
41
2.60
173
> 300
IMS-2SWWD-30
15
± 10 %
35
2.5
48
0.635
314
200
IMS-2SWWD-30
18
± 10 %
35
2.5
44
0.728
293
175
IMS-2SWWD-30
22
± 10 %
35
2.5
37
0.825
275
160
IMS-2SWWD-30
27
± 10 %
35
2.5
32
0.950
256
155
IMS-2SWWD-30
33
± 10 %
36
2.5
30
1.26
223
150
IMS-2SWWD-30
39
± 10 %
36
2.5
27
1.42
210
145
IMS-2SWWD-30
47
± 10 %
36
2.5
23
1.72
191
140
IMS-2SWWD-30
56
± 10 %
38
2.5
21
2.03
175
130
IMS-2SWWD-30
68
± 10 %
38
2.5
18.5
2.29
165
120
IMS-2SWWD-30
82
± 10 %
36
2.5
17.0
2.55
157
115
IMS-2SWWD-30
100
± 10 %
36
2.5
15.5
2.92
146
100
IMS-2SWWD-30
120
± 10 %
43
0.79
14.5
3.30
154
80
IMS-2SWWD-30
150
± 10 %
43
0.79
13.0
4.30
147
68
IMS-2SWWD-30
180
± 10 %
43
0.79
11.5
5.40
120
64
IMS-2SWWD-30
220
± 10 %
45
0.79
10.0
6.65
108
60
IMS-2SWWD-30
270
± 10 %
47
0.79
9.5
7.6
101
58
IMS-2SWWD-30
330
± 10 %
47
0.79
8.5
8.5
96
56
IMS-2SWWD-30
390
± 10 %
47
0.79
8.0
10.0
88
54
IMS-2SWWD-30
470
± 10 %
47
0.79
7.2
13.5
76
52
IMS-2SWWD-30
560
± 10 %
51
0.79
6.4
14.5
73
50
IMS-2SWWD-30
680
± 10 %
51
0.79
5.8
6.0
70
48
IMS-2SWWD-30
820
± 10 %
48
0.79
5.3
19.0
64
47
IMS-2SWWD-30
1000
± 10 %
48
0.79
4.8
21.5
60
45
IMS-2SWWD-30
1200
± 10 %
45
0.25
2.9
23
52
40
IMS-2SWWD-30
1500
± 10 %
45
0.25
2.8
30
46
35
IMS-2SWWD-30
1800
± 10 %
45
0.25
2.6
33
44
32
MARKING
- Color coded per MIL-PRF-15305 (latest revision)



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com