Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MBRF2045CTHE3/45 Datasheet(PDF) 1 Page - Vishay Siliconix

Part # MBRF2045CTHE3/45
Description  Dual Common-Cathode Schottky Rectifier
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

MBRF2045CTHE3/45 Datasheet(HTML) 1 Page - Vishay Siliconix

  MBRF2045CTHE3/45 Datasheet HTML 1Page - Vishay Siliconix MBRF2045CTHE3/45 Datasheet HTML 2Page - Vishay Siliconix MBRF2045CTHE3/45 Datasheet HTML 3Page - Vishay Siliconix MBRF2045CTHE3/45 Datasheet HTML 4Page - Vishay Siliconix MBRF2045CTHE3/45 Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
MBR(F,B)2035CT thru MBR(F,B)2060CT
Vishay General Semiconductor
Document Number: 88674
Revision: 08-Nov-07
For technical questions within your region, please contact one of the following:
PDD-Americas@vishay.com, PDD-Asia@vishay.com, PDD-Europe@vishay.com
www.vishay.com
1
Dual Common-Cathode Schottky Rectifier
FEATURES
• Guardring for overvoltage protection
• Lower power losses, high efficiency
• Low forward voltage drop
• High forward surge capability
• High frequency operation
• Meets MSL level 1, per J-STD-020, LF maximum
peak of 245 °C (for TO-263AB package)
• Solder dip 260 °C, 40 s (for TO-220AB and
ITO-220AB package)
• Component in accordance to RoHS 2002/95/EC
and WEEE 2002/96/EC
TYPICAL APPLICATIONS
For use in low voltage, high frequency rectifier of
switching mode power supplies, freewheeling diodes,
dc-to-dc converters or polarity protection application.
MECHANICAL DATA
Case: TO-220AB, ITO-220AB, TO-263AB
Epoxy meets UL 94V-0 flammability rating
Terminals: Matte tin plated leads, solderable per
J-STD-002 and JESD22-B102
E3 suffix for consumer grade, meets JESD 201 class
1A whisker test, HE3 suffix for high reliability grade
(AEC Q101 qualified), meets JESD 201 class 2
whisker test
Polarity: As marked
Mounting Torque: 10 in-lbs maximum
PRIMARY CHARACTERISTICS
IF(AV)
10 A x 2
VRRM
35 V to 60 V
IFSM
150 A
VF
0.57 V, 0.70 V
TJ max.
150 °C
CASE
PIN 2
PIN 1
PIN 3
TO-220AB
MBR20xxCT
ITO-220AB
MBRF20xxCT
MBRB20xxCT
PIN 1
PIN 2
K
HEATSINK
1
2
3
1
2
K
PIN 2
PIN 1
PIN 3
TO-263AB
1
2
3
MAXIMUM RATINGS (TC = 25 °C unless otherwise noted)
PARAMETER
SYMBOL
MBR2035CT
MBR2045CT
MBR2050CT
MBR2060CT
UNIT
Maximum repetitive peak reverse voltage
VRRM
35
45
50
60
V
Working peak reverse voltage
VRWM
35
45
50
60
V
Maximum DC blocking voltage
VDC
35
45
50
60
V
Maximum average forward rectified
current at TC = 135 °C
total device
per diode
IF(AV)
20
10
A
Peak forward surge current 8.3 ms single half
sine-wave superimposed on rated load per diode
IFSM
150
A
Peak repetitive reverse surge current per diode at
tp = 2 µs, 1 kHz
IRRM
1.0
0.5
A
Voltage rate of change (rated VR)
dV/dt
10 000
V/µs
Operating junction temperature range
TJ
- 65 to + 150
°C
Storage temperature range
TSTG
- 65 to + 175
°C
Isolation voltage (ITO-220AB only)
from terminal to heatsink t = 1 min
VAC
1500
V


Similar Part No. - MBRF2045CTHE3/45

ManufacturerPart #DatasheetDescription
logo
Kersemi Electronic Co.,...
MBRF2045CTHE3 KERSEMI-MBRF2045CTHE3 Datasheet
1Mb / 4P
Guardring for overvoltage protection
More results

Similar Description - MBRF2045CTHE3/45

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
M6035P VISHAY-M6035P Datasheet
114Kb / 5P
Dual Common-Cathode Schottky Rectifier
21-Nov-12
MBR25H35CT VISHAY-MBR25H35CT Datasheet
160Kb / 5P
Dual Common-Cathode Schottky Rectifier
19-May-08
MBR30H35PT VISHAY-MBR30H35PT Datasheet
104Kb / 4P
Dual Common-Cathode Schottky Rectifier
19-May-08
MBR1535CT VISHAY-MBR1535CT_07 Datasheet
505Kb / 5P
Dual Common-Cathode Schottky Rectifier
08-Nov-07
MBR3035CT VISHAY-MBR3035CT Datasheet
499Kb / 5P
Dual Common-Cathode Schottky Rectifier
08-Nov-07
SBL1630CT VISHAY-SBL1630CT_08 Datasheet
156Kb / 5P
Dual Common-Cathode Schottky Rectifier
07-May-08
SBL2030PT VISHAY-SBL2030PT Datasheet
383Kb / 4P
Dual Common-Cathode Schottky Rectifier
25-Mar-08
SBL3030PT VISHAY-SBL3030PT Datasheet
378Kb / 4P
Dual Common-Cathode Schottky Rectifier
25-Mar-08
logo
KODENSHI_AUK CORP.
SDB1060DI KODENSHI-SDB1060DI Datasheet
210Kb / 5P
DUAL COMMON CATHODE SCHOTTKY RECTIFIER
logo
Vishay Siliconix
MBR1560CT-E3-45 VISHAY-MBR1560CT-E3-45 Datasheet
488Kb / 5P
Dual Common-Cathode Schottky Rectifier
08-Nov-07
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com