Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TEA2262 Datasheet(PDF) 1 Page - STMicroelectronics

Part # TEA2262
Description  SWITCH MODE POWER SUPPLY CONTROLLER
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TEA2262 Datasheet(HTML) 1 Page - STMicroelectronics

  TEA2262 Datasheet HTML 1Page - STMicroelectronics TEA2262 Datasheet HTML 2Page - STMicroelectronics TEA2262 Datasheet HTML 3Page - STMicroelectronics TEA2262 Datasheet HTML 4Page - STMicroelectronics TEA2262 Datasheet HTML 5Page - STMicroelectronics TEA2262 Datasheet HTML 6Page - STMicroelectronics TEA2262 Datasheet HTML 7Page - STMicroelectronics TEA2262 Datasheet HTML 8Page - STMicroelectronics TEA2262 Datasheet HTML 9Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
TEA2262
SWITCH MODE POWER SUPPLY CONTROLLER
April 1996
1
2
3
4
5
6
7
8
16
15
14
13
12
11
10
9
IS
IN
GND
GND
E
S
SECONDARY PULSES INPUT
GROUND
GROUND
ERROR AMPLIFIER INPUT (INVERTING)
ERROR AMPLIFIER OUTPUT
OVERLOAD INTEGRATION CAPACITOR
POWER SUPPLY
POSITIVE OUTPUT STAGE SUPPLY
POWER OUTPUT
GROUND
GROUND
OSCILLATOR RESISTOR
OSCILLATOR CAPACITOR
SOFT-START CAPACITOR
V
V
OUT
GND
GND
C0
C1
R0
CC
max.
I
C2
TRANSFORMER DEMAGNETIZATION
SENSING INPUT
POWER TRANSISTOR
CURRENT LIMITATION INPUT
PIN CONNECTIONS
DIP16
(Plastic Package)
ORDER CODE : TEA2262
.
POSITIVE AND NEGATIVE OUTPUT CUR-
RENT UP TO 1A
.
LOW START-UP CURRENT
.
DIRECT DRIVE OF THE MOS POWER
TRANSISTOR
.
TWO LEVELS TRANSISTOR CURRENT LIMI-
TATION
.
DOUBLE PULSE SUPPRESSION
.
SOFT-STARTING
.
UNDER AND OVERVOLTAGE LOCK-OUT
.
AUTOMATIC STAND-BY MODE
.
LARGE POWER RANGE CAPABILITY IN
STAND-BY (Burst mode)
.
INTERNAL PWM SIGNAL GENERATOR
DESCRIPTION
The TEA2262 is a monolithic integrated circuit for
the use in primary part of an off-line switching mode
power supply using a MOS power transistor.
All functions required for SMPS control under nor-
mal operating, transient or abnormal conditions are
provided.
The capability of working according to the ”master-
slave” concept, or according to the ”primary regu-
lation” mode makes the TEA2262 very flexible and
easy to use. This is particularly true for TV receiv-
ers where the IC provides an attractive and low cost
solution (no need of stand-by auxiliary power sup-
ply).
1/9


Similar Part No. - TEA2262

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TEA2260 STMICROELECTRONICS-TEA2260 Datasheet
160Kb / 9P
SWITCH MODE POWER SUPPLY CONTROLLER
Jun-1992
TEA2260 STMICROELECTRONICS-TEA2260 Datasheet
118Kb / 11P
SWITCH MODE POWER SUPPLY CONTROLLER
Oct-2003
TEA2261 STMICROELECTRONICS-TEA2261 Datasheet
160Kb / 9P
SWITCH MODE POWER SUPPLY CONTROLLER
Jun-1992
TEA2261 STMICROELECTRONICS-TEA2261 Datasheet
118Kb / 11P
SWITCH MODE POWER SUPPLY CONTROLLER
Oct-2003
TEA2261/0 STMICROELECTRONICS-TEA2261/0 Datasheet
118Kb / 11P
SWITCH MODE POWER SUPPLY CONTROLLER
Oct-2003
More results

Similar Description - TEA2262

ManufacturerPart #DatasheetDescription
logo
NTE Electronics
NTE7159 NTE-NTE7159 Datasheet
33Kb / 3P
Integrated Circuit Switch Mode Power Supply Controller
logo
STMicroelectronics
TEA2260 STMICROELECTRONICS-TEA2260 Datasheet
160Kb / 9P
SWITCH MODE POWER SUPPLY CONTROLLER
Jun-1992
STV4614C STMICROELECTRONICS-STV4614C Datasheet
816Kb / 10P
SWITCH MODE POWER SUPPLY CONTROLLER
TEA2261 STMICROELECTRONICS-TEA2261_03 Datasheet
118Kb / 11P
SWITCH MODE POWER SUPPLY CONTROLLER
Oct-2003
logo
Omron Electronics LLC
S8VM03015CD OMRON-S8VM03015CD Datasheet
6Mb / 38P
Switch Mode Power Supply
logo
Compact Technology Corp...
CF2N60I CTC-CF2N60I Datasheet
1Mb / 5P
Switch Mode Power Supply
CF2N60S CTC-CF2N60S Datasheet
1Mb / 5P
Switch Mode Power Supply
CF4N60S CTC-CF4N60S Datasheet
1Mb / 5P
Switch Mode Power Supply
CF6N60S CTC-CF6N60S Datasheet
1Mb / 5P
Switch Mode Power Supply
logo
Omron Electronics LLC
S8VK-C OMRON-S8VK-C Datasheet
4Mb / 20P
Switch Mode Power Supply
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com