Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TEA3718S Datasheet(PDF) 4 Page - STMicroelectronics

Part # TEA3718S
Description  STEPPER MOTOR DRIVER
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TEA3718S Datasheet(HTML) 4 Page - STMicroelectronics

  TEA3718S Datasheet HTML 1Page - STMicroelectronics TEA3718S Datasheet HTML 2Page - STMicroelectronics TEA3718S Datasheet HTML 3Page - STMicroelectronics TEA3718S Datasheet HTML 4Page - STMicroelectronics TEA3718S Datasheet HTML 5Page - STMicroelectronics TEA3718S Datasheet HTML 6Page - STMicroelectronics TEA3718S Datasheet HTML 7Page - STMicroelectronics TEA3718S Datasheet HTML 8Page - STMicroelectronics TEA3718S Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
ABSOLUTE MAXIMUM RATINGS
Symbol
Parameters
Valu e
Un it
VSS
VS
Supply Voltage
7
50
V
V
VI
Input Voltage:
Logic Inputs
Analog Inputs
Reference Input
6
VSS
15
V
V
V
ii
Input Current
Logic Inputs
Analog Inputs
-10
-10
mA
mA
IO
Output Current
±1.5
A
TJ
Junction Temperature
+150
°C
Top
Operating Ambient Temperature Range
0 to 70
°C
Tstg
Storage Temperature Range
-55 to +150
°C
THERMAL DATA
Symb ol
Parameter
SO-20L
Powerdi p Multiwatt
Unit
Rth(j-c)
Maximum Junction-case Thermal Resistance
16
11
3
°C/W
Rth(j-a)
Maximum Junction-ambient Thermal Resistance
60 *
45 *
40
°C/W
* Soldered on a 35
µm thick 4 cm2 PC board copper area.
RECOMMENDED OPERATING CONDITIONS
Symb ol
Parameter
Min .
T yp.
Max.
Uni t
vss
Supply Voltage
4.75
5
5.25
V
VS
Supply Voltage
10
–
45
V
im
Output Current
0.020
–
1.2
A
Tamb
Ambient Temperature
0
70
°C
tr
Rise Time Logic Inputs
–
–
2
µs
tf
Fall Time Logic Inputs
–
–
2
µs
COMPARISON TABLE
Devi ce
Current
Package
Alarm
Pre-Al arm
TEA3718SDP
1.5A
Powerdip 12+2+2
not connected
TEA3718SFP
1.5A
SO-20L
x
TEA3718SP
1.5A
Multiwatt-15
X
TEA3718DP
1.5A
Powerdip 12+2+2
not connected
TEA3718-TEA3718S
4/16



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com