Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PR100 Datasheet(PDF) 2 Page - Vishay Siliconix

Part # PR100
Description  High Precision Resistor Arrays
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

PR100 Datasheet(HTML) 2 Page - Vishay Siliconix

  PR100 Datasheet HTML 1Page - Vishay Siliconix PR100 Datasheet HTML 2Page - Vishay Siliconix PR100 Datasheet HTML 3Page - Vishay Siliconix PR100 Datasheet HTML 4Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
PR 100, 135, 182
High Precision Resistor Arrays
Vishay Thin Film
Document Number: 53039
For technical questions, contact: thin-film@vishay.com
www.vishay.com
Revision: 10-Apr-08
43
PACKAGING
Waffle-pack or tape and reel
MARKING
On the primary package, printed information includes
VISHAY trademark series and model, schematic number of
resistors, ohmic value, absolute tolerance, ratio tolerance,
type of termination
STANDARD ELECTRICAL SPECIFICATIONS
TEST
SPECIFICATIONS
CONDITIONS
Material
Passivated Nichrome
Resistance Range:
PR 100
100
Ω to 200 kΩ
PR 135
100
Ω to 300 kΩ
PR 182
100
Ω to 1 MΩ
Tolerance:
Absolute
± 10 % to ± 0.1 %
Ratio
0.1 %, 0.05 %, 0.02 %
TCR:
Absolute
± 10 ppm/°C
- 55 °C to + 125 °C
Ratio
2 ppm/°C
- 55 °C to + 125 °C
Power Rating:
PR 100
100 mW per resistor
at + 70 °C
PR 135
125 mW per resistor
at + 70 °C
PR 182
200 mW per resistor
at + 70 °C
Operating Temperature Range
- 55 °C to + 125 °C
Noise
≤ - 30 dB
Voltage Coefficient
≤ 0.1 ppm/V
Working Voltage:
PR 100
35 V
PR 135
75 V
PR 182
100 V
MECHANICAL SPECIFICATIONS
Substrate
Alumina 99.6 %
Technology
Thin Film
Film
Passivated Nichrome
Terminations
Solderable Gold (Au) over Nickel
100
0
0
AMBIENT TEMPERATURE IN DEGREES CELSIUS
DERATING CURVE
70
155



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com