Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PRV6 Datasheet(PDF) 3 Page - Vishay Siliconix

Part # PRV6
Description  Fully Sealed Potentiometers Cermet (PRV6) Conductive Plastic (PARV6)
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

PRV6 Datasheet(HTML) 3 Page - Vishay Siliconix

  PRV6 Datasheet HTML 1Page - Vishay Siliconix PRV6 Datasheet HTML 2Page - Vishay Siliconix PRV6 Datasheet HTML 3Page - Vishay Siliconix PRV6 Datasheet HTML 4Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
www.vishay.com
For technical questions, contact: sfer@vishay.com
Document Number: 51035
126
See also: Application notes
Revision: 29-Jun-06
PRV6, PARV6
Vishay Sfernice
Fully Sealed Potentiometers Cermet (PRV6)
Conductive Plastic (PARV6)
PANEL SEALING
Except for dia. 4 mm shaft, an O.ring is supplied with the
potentiometer. This O.ring should be placed into the groove
of the body and ensures the panel sealing.
For dia. 4 mm shaft please see note “P” in ordering
information.
SHAFTS
Shaft lengths are measured from the mounting face to the
free end of the shaft. Special shafts are available if the
customer supplies a drawing. The shaft slot is aligned to the
wiper within ± 10°.
HARDWARE
Nuts, washer and O.ring are separately supplied (not
mounted on the potentiometer), in a small bag placed in the
packaging.
LOCATING PEG
Except for dia. 4 mm shaft, the potentiometers are delivered
with 2 opposite locating pegs orientated at 45°. These
2 pegs
can
be
easily broken-off by the customer. On
request, the orientation of the pegs can be at 30° instead of
45°. Order Designation: PRV6 L (see ordering information)
MARKING
VISHAY
trademark, series, style, ohmic value (in
Ω , kΩ
or M
Ω), tolerance in %, taper code, manufacturing date
(4 digits: 2 for year, 2 for week), terminal 1.
STANDARD RESISTANCE ELEMENT DATA
STANDARD
RESIS-
TANCE
VALUES
PRV6 LINEAR LAW
PRV6 NON-LINEAR LAWS
TCR
- 55 °C
+ 125 °C
MAX.
POWER
AT 70 °C
MAX.
WORKING
VOLTAGE
MAX.
WIPER
CUR.
MAX.
POWER
AT 70 °C
MAX.
WORKING
VOLTAGE
MAX.
WIPER
CUR.
Ω
WV
mA
WV
mA
ppm/°C
20
50
1.5
5.48
8.66
274
173
0
+ 200
100
200
500
1K
2K
5K
10K
20K
50K
100K
200K
500K
1M
2M
5M
10M
1.5
1.22
0.61
0.25
0.12
0.06
0.025
0.012
12.2
17.3
27.4
38.7
54.8
86.6
122.5
173
274
350
350
350
350
350
350
350
122
87
55
38.7
27.4
17.3
12.2
8.26
5.65
3.5
1.75
0.7
0.35
0.17
0.07
0.035
0.75
0.75
0.61
0.25
27.3
38.2
61.2
87
122
194
273
350
350
27.4
19.3
12.2
8.7
6.1
3.9
2.74
1.75
0.7
PRV6
± 100
PACKAGING
Carton box of 50, code: BO50
ORDERING INFORMATION
PRV cermet
PARV conductive
plastic
SERIES
BUSHING
SHAFT
DIA
d
Solder Lugs
no code
PCB pins
code W
TERMINALS
Code H
not available
for 6-6Q
versions
LOCKING SHAFT
From mounting face
22
Ω to 10 MΩ
linear law - cermet
470
Ω to 1 MΩ
non-linear laws
cermet
1 k
Ω to 1 MΩ
linear law -
conductive
plastic
470
Ω to 500 kΩ
non linear laws
conductive plastic
470
Ω to 100 kΩ
non linear laws
conductive plastic
OHMIC VALUE
DIA
D
LENGTH
B
CODE
DIA
d
LENGTH
L
S
L
O
T
T
E
D
Standard C = 9.5
no code
Option C = 12.1
code S
BODY LENGTH
6
61
62
6Q
61Q
6QP
61QP
6.35
6.35
6.35
7
7
7
7
6.35
9.5
12.5
6.5
9.5
6.5
9.5
3 or 3.17
3 or 3.17
3 or 3.17
4
4
4
4
A: standard 45°
no code
A: option 30°
code L
not available
for 6Q and 61Q
versions
See drawing
LOCATING PEGS
6
61
62
61H
62H
6Q
61Q
61QH
*CK
CM
CD
CR
*K
M
R
E
F
G
3.17
3.17
3.17
3.17
3
3
3
4
4
4
9.5
12.5
16
22
9.5
12.5
22
9.5
12.5
22
Shaft dia 3.17 and 3 are standard
panel sealed
Shaft dia 4: please note “P” for
panel sealed option
* not available with 62H option
STANDARD SHAFT LENGTH
20 % standard
10 % optional
5 % optional
(cermet only)
SHAFTS and BUSHINGS
TOLERANCE
A Linear
L CW Log
VARIATION LAW
PACKAGING
PRV
S61
W
L
H
CM
10 kΩ
20 %
ABO50
SAP PART NUMBERING GUIDELINES
PR
V
6
B
B
L
B
B
X
B
2
5
1
0
3
M
A
MODEL
STYLE
LEADS
PACKAGING
OHMIC VALUE/TOL/LAW
OR SPECIAL
See the end of this data book for conversion tables
PEG
BUSHING
SHAFT



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com