Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SOGC01 Datasheet(PDF) 2 Page - Vishay Siliconix

Part # SOGC01
Description  Thick Film Resistor Networks, Dual-In-Line Small Outline Molded Dip, 01, 03, 05 Schematics
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SOGC01 Datasheet(HTML) 2 Page - Vishay Siliconix

  SOGC01 Datasheet HTML 1Page - Vishay Siliconix SOGC01 Datasheet HTML 2Page - Vishay Siliconix SOGC01 Datasheet HTML 3Page - Vishay Siliconix SOGC01 Datasheet HTML 4Page - Vishay Siliconix SOGC01 Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Document Number: 31506
For technical questions, contact: ff2aresistors@vishay.com
www.vishay.com
Revision: 25-Aug-06
33
SOGC 01, 03, 05
Thick Film Resistor Networks, Dual-In-Line
Small Outline Molded Dip, 01, 03, 05 Schematics
Vishay Dale
DIMENSIONS in inches [millimeters]
0.105
[2.67]
0.100 [2.54]
0.010 ± 0.005
[0.254 ± 0.127]
0.406 ± 0.012
[10.31 ± 0.305]
0.028 ± 0.010
[0.711 ± 0.254] Typ.
0.008
[0.203]
0.295
[7.49]
0.045 [1.14]
Ref.
Pin 1
0.045
[1.14]
A
0.050 [1.27]
Non-Accum. Typ.
0.018 [0.457] Typ.
B
SOGC
0.006 [0.152] Max. Typ.
GLOBAL MODEL
AB
SOGC16
0.440 [11.18]
0.350 [8.89]
SOGC20
0.540 [13.72]
0.450 [11.43]
TECHNICAL SPECIFICATIONS
PARAMETER
UNIT
S0GC16
S0GC20
Package Power Rating (max. at + 70°C)
W
1.6
2.0
TC Tracking (- 55°C to + 125°C)
ppm/°C
± 50
Voltage Coefficient of Resistance:
ppm/V
< 50 typical
Maximum Operating Voltage:
VDC
50
Operating Temperature Range:
°C
- 55 to + 125
Storage Temperature Range:
°C
- 55 to + 150
MECHANICAL SPECIFICATIONS
Marking:
Model number, schematic number, value tolerance, pin 1 indicator, date code
Marking Resistance to Solvents:
Permanency testing per MIL-STD-202, Method 215
Maximum Solder Reflow Temperature:
+ 255 °C
Solderability:
Per MIL-STD-202, Method 208E
Terminals:
Copper alloy. Solder dipped terminal
Body:
Molded epoxy



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com