Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SOGC03 Datasheet(PDF) 3 Page - Vishay Siliconix

Part # SOGC03
Description  Thick Film Resistor Networks, Dual-In-Line Small Outline Molded Dip, 01, 03, 05 Schematics
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SOGC03 Datasheet(HTML) 3 Page - Vishay Siliconix

  SOGC03 Datasheet HTML 1Page - Vishay Siliconix SOGC03 Datasheet HTML 2Page - Vishay Siliconix SOGC03 Datasheet HTML 3Page - Vishay Siliconix SOGC03 Datasheet HTML 4Page - Vishay Siliconix SOGC03 Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
www.vishay.com
For technical questions, contact: ff2aresistors@vishay.com
Document Number: 31506
34
Revision: 25-Aug-06
SOGC 01, 03, 05
Vishay Dale
Thick Film Resistor Networks, Dual-In-Line
Small Outline Molded Dip, 01, 03, 05 Schematics
IMPEDANCE CODES
CODE
R1 (Ω)R2 (Ω)CODER1 (Ω)R2 (Ω)
500B
82
130
141A
270
270
750B
120
200
181A
330
390
800C
130
210
191A
330
470
990A
160
260
221B
330
680
101C
180240
281B
560
560
111C
180270
381B
560
1.2K
121B
180
390
501C
620
2.7K
121C
220
270
102A
1.5K
3.3K
131A
220
330
202B
3K
6.2K
CIRCUIT APPLICATIONS
01 Schematic
15 or 19 resistors with one pin common
The SOGCxx01 circuit provides a choice of 15 or 19 nominally equal resistors, each
connected between a common lead (16 or 20) and a discrete PC board pin. Commonly
used in the following applications:
• MOS/ROM Pull-up/Pull-down
• TTL Input Pull-down
• Open Collector Pull-up
• Digital Pulse Squaring
• "Wired OR" Pull-up
• TTL Unused Gate Pull-up
• Power Driven Pull-up
• High Speed Parallels Pull-up
03 Schematic
8 or 10 isolated resistors
The SOGCxx03 circuit provides a choice of 8 or 10 nominally equal resistors with each
resistor isolated from all others and wired directly across. Commonly used in the following
applications:
• "Wired OR" Pull-up
• Long-line Impedance Balancing
• Power Driven Pull-up
• LED Current Limiting
• Powergate Pull-up
• ECL Output Pull-down
• Line Termination
• TTL Input Pull-down
05 Schematic
TTL dual-line terminator; pulse squaring, 14 or 18 pairs of resistors
(R1 Resistors are common to leads 16 or 20)
(R2 Resistors are common to leads 8 or 10)
The SOGCxx05 circuit contains 14 or 18 pairs of resistors. Each pair is connected between
ground and a common line. The junctions of these resistor pairs are connected to the input
leads.
The 05 circuits are designed for TTL dual-line termination and pulse squaring.
SOGC16
SOGC20
Pin 1
SOGC16
SOGC20
Pin 1
R1
R1
R1
R1
R1
R1
R1
R2
R2
R2
R2
R2
R2
R1
R1
R1
R1
R1
R1
R1
R2
R2
R2
R2
R2
R2
R2
R2
SOGC16, SOGC20
Pin 1



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com