Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST280SPBF Datasheet(PDF) 3 Page - Vishay Siliconix

Part # ST280SPBF
Description  Phase Control Thyristors (Stud Version), 280 A
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

ST280SPBF Datasheet(HTML) 3 Page - Vishay Siliconix

  ST280SPBF Datasheet HTML 1Page - Vishay Siliconix ST280SPBF Datasheet HTML 2Page - Vishay Siliconix ST280SPBF Datasheet HTML 3Page - Vishay Siliconix ST280SPBF Datasheet HTML 4Page - Vishay Siliconix ST280SPBF Datasheet HTML 5Page - Vishay Siliconix ST280SPBF Datasheet HTML 6Page - Vishay Siliconix ST280SPBF Datasheet HTML 7Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
Document Number: 94402
For technical questions, contact: ind-modules@vishay.com
www.vishay.com
Revision: 11-Aug-08
3
ST280SPbF Series
Phase Control Thyristors
(Stud Version), 280 A
Vishay High Power Products
Note
• The table above shows the increment of thermal resistance RthJC when devices operate at different conduction angles than DC
TRIGGERING
PARAMETER
SYMBOL
TEST CONDITIONS
VALUES
UNITS
TYP.
MAX.
Maximum peak gate power
PGM
TJ = TJ maximum, tp ≤ 5 ms
10.0
W
Maximum average gate power
PG(AV)
TJ = TJ maximum, f = 50 Hz, d% = 50
2.0
Maximum peak positive gate current
IGM
TJ = TJ maximum, tp ≤ 5 ms
3.0
A
Maximum peak positive gate voltage
+ VGM
TJ = TJ maximum, tp ≤ 5 ms
20
V
Maximum peak negative gate voltage
- VGM
5.0
DC gate current required to trigger
IGT
TJ = - 40 °C
Maximum required gate trigger/
current/voltage are the lowest value
which will trigger all units 12 V
anode to cathode applied
180
-
mA
TJ = 25 °C
90
150
TJ = 125 °C
40
-
DC gate voltage required to trigger
VGT
TJ = - 40 °C
2.9
-
V
TJ = 25 °C
1.8
3.0
TJ = 125 °C
1.2
-
DC gate current not to trigger
IGD
TJ = TJ maximum
Maximum gate current/voltage not
to trigger is the maximum value
which will not trigger any unit with
rated VDRM anode to cathode
applied
10
mA
DC gate voltage not to trigger
VGD
0.25
V
THERMAL AND MECHANICAL SPECIFICATIONS
PARAMETER
SYMBOL
TEST CONDITIONS
VALUES
UNITS
Maximum operating junction temperature range
TJ
- 40 to 125
°C
Maximum storage temperature range
TStg
- 40 to 150
Maximum thermal resistance, junction to case
RthJC
DC operation
0.105
K/W
Maximum thermal resistance, case to heatsink
RthCS
Mounting surface, smooth, flat and greased
0.04
Mounting torque, ± 10 %
Non-lubricated threads
31
(275)
N · m
(lbf · in)
Lubricated threads
24.5
(210)
Approximate weight
280
g
Case style
See dimensions - link at the end of datasheet
TO-209AB (TO-93)
ΔR
thJC CONDUCTION
CONDUCTION ANGLE
SINUSOIDAL CONDUCTION
RECTANGULAR CONDUCTION
TEST CONDITIONS
UNITS
180°
0.016
0.012
TJ = TJ maximum
K/W
120°
0.019
0.020
90°
0.025
0.027
60°
0.036
0.037
30°
0.060
0.060



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com