Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST333SP Datasheet(PDF) 4 Page - Vishay Siliconix

Part # ST333SP
Description  Inverter Grade Thyristors (Stud Version), 330 A
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

ST333SP Datasheet(HTML) 4 Page - Vishay Siliconix

  ST333SP Datasheet HTML 1Page - Vishay Siliconix ST333SP Datasheet HTML 2Page - Vishay Siliconix ST333SP Datasheet HTML 3Page - Vishay Siliconix ST333SP Datasheet HTML 4Page - Vishay Siliconix ST333SP Datasheet HTML 5Page - Vishay Siliconix ST333SP Datasheet HTML 6Page - Vishay Siliconix ST333SP Datasheet HTML 7Page - Vishay Siliconix ST333SP Datasheet HTML 8Page - Vishay Siliconix ST333SP Datasheet HTML 9Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
www.vishay.com
For technical questions, contact: ind-modules@vishay.com
Document Number: 94377
4
Revision: 30-Apr-08
ST333SP Series
Vishay High Power Products Inverter Grade Thyristors
(Stud Version), 330 A
Note
• The table above shows the increment of thermal resistance RthJ-hs when devices operate at different conduction angles than DC
Fig. 1 - Current Ratings Characteristics
Fig. 2 - Current Ratings Characteristics
Fig. 3 - On-State Power Loss Characteristics
ΔR
thJ-hs CONDUCTION
CONDUCTION ANGLE
SINUSOIDAL CONDUCTION
RECTANGULAR CONDUCTION
TEST CONDITIONS
UNITS
180°
0.011
0.008
TJ = TJ maximum
K/W
120°
0.013
0.014
90°
0.017
0.018
60°
0.025
0.026
30°
0.041
0.042
70
80
90
100
110
120
130
0
50
100
150
200
250
300
350
30°
60°
90°
120°
180°
Average On-state Current (A)
Conduc tion Angle
ST333SSeries
R
(DC) = 0.10 K/ W
thJC
60
70
80
90
100
110
120
130
0
100
200
300
400
500
600
DC
30°
60°
90°
120°
180°
Average On-state Current (A)
Cond uc tion Period
ST333SSeries
R
(DC) = 0.10 K/ W
thJC
25
50
75
100
125
Maximum Allowable Ambient Temperature (°C)
0.0
8
K/
W
0.1
2
K/
W
0.1
6
K/W
0.2
K/ W
0.3
K/W
0.5 K
/ W
0
50
100
150
200
250
300
350
400
450
500
0
50
100
150
200
250
300
350
180°
120°
90°
60°
30°
RMSLimit
Conduc tion Angle
Average On-state Current (A)
ST333SSeries
T = 125°C
J



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com