Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TEA6422D Datasheet(PDF) 2 Page - STMicroelectronics

Part # TEA6422D
Description  BUS-CONTROLLED AUDIO MATRIX
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TEA6422D Datasheet(HTML) 2 Page - STMicroelectronics

  TEA6422D Datasheet HTML 1Page - STMicroelectronics TEA6422D Datasheet HTML 2Page - STMicroelectronics TEA6422D Datasheet HTML 3Page - STMicroelectronics TEA6422D Datasheet HTML 4Page - STMicroelectronics TEA6422D Datasheet HTML 5Page - STMicroelectronics TEA6422D Datasheet HTML 6Page - STMicroelectronics TEA6422D Datasheet HTML 7Page - STMicroelectronics TEA6422D Datasheet HTML 8Page - STMicroelectronics TEA6422D Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
TEA6422
2/10
BLOCK DIAGRAM
ABSOLUTE MAXIMUM RATINGS
THERMAL DATA
RIGHT INPUTS
GAIN = 0 dB
RIGHT
OUTPUTS
SDA
SCL
ADDR
LEFT
OUTPUTS
LEFT INPUTS
BUS DECODER
SUPPLY
GAIN = 0 dB
VS
C
GND
Symbol
Parameter
Value
Unit
VCC
Supply Voltage
12
V
Toper
Operating Temperature
0, + 70
oC
Tstg
Storage Temperature
- 20, + 150
oC
Symbol
Parameter
Value
Unit
Rth(j-a)
Junction - ambient Thermal Resistance
SDIP24
SO28
75
75
oC/W
oC/W
1



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com