Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MDP01 Datasheet(PDF) 2 Page - Vishay Siliconix

Part # MDP01
Description  Thick Film Resistor Networks, Dual-In-Line, Molded DIP, 01, 03, 05 Schematics
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

MDP01 Datasheet(HTML) 2 Page - Vishay Siliconix

  MDP01 Datasheet HTML 1Page - Vishay Siliconix MDP01 Datasheet HTML 2Page - Vishay Siliconix MDP01 Datasheet HTML 3Page - Vishay Siliconix MDP01 Datasheet HTML 4Page - Vishay Siliconix MDP01 Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Document Number: 31511
For technical questions contact: ff2aresistors@vishay.com
www.vishay.com
Revision: 28-Jul-06
2
MDP 01, 03, 05
Thick Film Resistor Networks, Dual-In-Line,
Molded DIP, 01, 03, 05 Schematics
Vishay Dale
DIMENSIONS in inches [millimeters]
0.010 + 0.005
- 0.002
[0.254 + 0.127
- 0.051]
0.250
± 0.005
[6.35
± 0.127]
0.310
± 0.010
[7.87
± 0.254]
0.290 Min.
0.320 Nom.
0.360 Max.
[7.37 Min.
8.13 Nom.
9.14 Max.]
Pin #1
Non-Accumulative Tol.
"C" Spaces
A
± 0.010 [0.254]
0.030
[0.762] Typ.
0.100
± 0.010
[2.54
± 0.254]
0.075
± 0.015
[1.90
± 0.381]
0.120
± 0.005
[3.05
± 0.127]
0.130 + 0.015
- 0.010
[3.30 + 0.381
- 0.254]
0.050
± 0.005
[1.27
± 0.127]
0.018
± 0.003
[0.457
± 0.076]
B
± 0.010 [0.254]
Pin #1
Identification
GLOBAL MODEL
A
B
C
MDP 14
0.750 [19.05]
0.600 [15.24]
6
MDP 16
0.850 [21.59]
0.700 [17.78]
7
TECHNICAL SPECIFICATIONS
PARAMETER
UNIT
MDP14
MDP16
Package Power Rating (Maximum at + 70 °C)
W
1.73
1.92
Voltage Coefficient of Resistance
Veff
< 50 ppm typical
Dielectric Strength
VAC
200
Insulation Resistance
Ω
> 10 000M minimum
Operating Temperature Range
°C
- 55 to + 125
Storage Temperature Range
°C
- 55 to + 150
MECHANICAL SPECIFICATIONS
Marking Resistance to Solvents:
Permanency testing per MIL-STD-202, Method 215
Solderability:
Per MIL-STD-202, Method 208E
Body:
Molded epoxy
Terminals:
Solder plated leads
Weight:
14 pin = 1.3 grams; 16 pin = 1.5 grams



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com