Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MDP45 Datasheet(PDF) 2 Page - Vishay Siliconix

Part # MDP45
Description  Thick Film Resistor Networks, Dual-In-Line, Molded DIP
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

MDP45 Datasheet(HTML) 2 Page - Vishay Siliconix

  MDP45 Datasheet HTML 1Page - Vishay Siliconix MDP45 Datasheet HTML 2Page - Vishay Siliconix MDP45 Datasheet HTML 3Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Document Number: 31512
For technical questions contact: ff2aresistors@vishay.com
www.vishay.com
Revision: 28-Jul-06
2
MDP 45, 46
Thick Film Resistor Networks, Dual-In-Line, Molded DIP
Vishay Dale
DIMENSIONS in inches [millimeters]
0.850 ± 0.010
[21.59 ± 0.254]
Pin #1
Identification
Pin #1
0.075 ± 0.015
[1.91 ± 0.381]
0.100 ± 0.010
[2.54 ± 0.254]
Non-Accumulative Tol.
7 Spaces
0.018 ± 0.003
[0.457 ± 0.076]
0.700 ± 0.010
[17.78 ± 0.254]
0.050 ± 0.005
[1.27 ± 0.127]
0.030
[0.762] Typ.
0.120 ± 0.005
[3.05 ± 0.127]
0.130 + 0.015
- 0.010
[3.30 + 0.381
- 0.254]
0.290 [7.37] Min.
0.320 [8.13] Nom.
0.360 [9.14] Max.
0.010 + 0.005
- 0.002
[0.254 + 0.127
- 0.051]
0.250 ± 0.005
[6.35 ± 0.127]
0.310 ± 0.010
[7.87 ± 0.254]
- 50
+ 25
+ 70
+ 125 + 150
2.00
1.00
0.125
MDP1645 Package &
MDP1646 Package
Single Resistor
Derating
Ambient Temperature °C
TECHNICAL SPECIFICATIONS
PARAMETER
UNIT
MDP Series
Maximum Operating Voltage
VDC
100
Voltage Coefficient of Resistance (Typical)
Veff
< 50 ppm/°C
Operating Temperature Range
°C
- 55 to + 125
Storage Temperature Range
°C
- 55 to + 150
MECHANICAL SPECIFICATIONS
Marking Resistance
to Solvents:
Permanency testing per
MIL-STD-202, Method 215
Solderability:
Per MIL-STD-202, Method 208E
Terminals:
Copper alloy, solder plated
Body:
Molded epoxy
Weight:
1.5 grams
PERFORMANCE
TEST
CONDITIONS
MAX.
ΔR (Typical Test Lots)
Thermal Shock
5 cycles between - 65 °C and + 125 °C
± 0.50 %
ΔR
Short Time Overload
2.5 x rated working voltage 5 seconds
± 0.25 %
ΔR
Low Temperature Operation
45 minutes at full rated working voltage at - 65 °C
± 0.25 %
ΔR
Moisture Resistance
240 hours with humidity ranging from 80 % RH to 98 % RH
± 0.50 %
ΔR
Resistance to Soldering Heat
Leads immersed in + 260 °C solder to within 1/16" of body for 10 seconds
± 0.25 %
ΔR
Shock
Total of 18 shocks at 100 g's
± 0.25 %
ΔR
Vibration
12 hours at maximum of 20 g's between 10 and 2000 Hz
± 0.2 5%
ΔR
Load Life
1000 hours at + 70 °C, rated power applied 1.5 hours “ON”, 0.5 hour
“OFF” for full 1000 hour period. Derated according to the curve.
± 0.50 %
ΔR
Terminal Strength
4 1/2 pound pull for 30 seconds
± 0.25 %
ΔR
Insulation Resistance
10 000 Megohm (minimum)
-
Dielectric Withstanding Voltage
No evidence of arcing or damage (200 V RMS for 1 minute)
-



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com