Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MFU Datasheet(PDF) 3 Page - Vishay Siliconix

Part # MFU
Description  Thin Film Flat Chip Fuses
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

MFU Datasheet(HTML) 3 Page - Vishay Siliconix

  MFU Datasheet HTML 1Page - Vishay Siliconix MFU Datasheet HTML 2Page - Vishay Siliconix MFU Datasheet HTML 3Page - Vishay Siliconix MFU Datasheet HTML 4Page - Vishay Siliconix MFU Datasheet HTML 5Page - Vishay Siliconix MFU Datasheet HTML 6Page - Vishay Siliconix MFU Datasheet HTML 7Page - Vishay Siliconix MFU Datasheet HTML 8Page - Vishay Siliconix MFU Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
Document Number: 28747
For technical questions, contact: ff3eresistors@vishay.com
www.vishay.com
Revision: 25-Jun-08
3
MFU Series - Thin Film Fuse
Thin Film Flat Chip Fuses
Vishay Beyschlag
DIMENSIONS
Notes
(1)
Other values of rated current are available on request
(2)
Typical values
(3)
For packages with 1000 pieces, please use for packaging E1 instead of E0
(4)
For packages with 5000 pieces, please use for packaging E5 instead of E0
T
2
T
1
L
H
W W
T
DIMENSIONS - Chip Fuse types, mass and relevant physical dimensions
TYPE
H
(mm)
L
(mm)
W
(mm)
WT
(mm)
T1
(mm)
T2
(mm)
MASS
(mg)
MFU 0402
0.32 ± 0.05
1.0 ± 0.05
0.5 ± 0.05
> 75 % of W
0.2 + 0.1/- 0.15
0.2 ± 0.1
0.65
MFU 0603
0.45 + 0.1/- 0.05
1.55 ± 0.05
0.85 ± 0.1
> 75 % of W
0.3 + 0.15/- 0.2
0.3 + 0.15/- 0.2
1.9
MFU 0805
0.45 + 0.1/- 0.05
2.0 ± 0.1
1.25 ± 0.15
> 75 % of W
0.4 + 0.1/- 0.2
0.4 + 0.1/- 0.2
4.7
MFU 1206
0.55 ± 0.1
3.2 + 0.1/- 0.2
1.6 ± 0.15
> 75 % of W
0.5 ± 0.25
0.5 ± 0.25
9.5
MFU 0402 RATING - very quick acting (FF)
SIZE
FUSE
CHAR.
RATED
CURRENT (1)
RATED
VOLTAGE
PRE-ARCING (2)
I2t
at 10 x
IR
VOLT.
DROP (2)
at
1 x
IR
COLD
RESIS (2)
at
0.1 x
IR
BREAKING
CAPACITY
DC
MARK. APPROVAL
ORDERING CODE (3) (4)
0402
FF
500 mA
32 V
0.0009 A2s
420 mV
640 m
Ω
50 A at 32 V
-
UL
MFU 0402-FF E0 0A5
630 mA
32 V
0.0014 A2s
331 mV
400 m
Ω
50 A at 32 V
-
UL
MFU 0402-FF E0 0A63
750 mA
32 V
0.0020 A2s
275 mV
280 m
Ω
50 A at 32 V
-
UL
MFU 0402-FF E0 0A75
800 mA
32 V
0.0023 A2s
231 mV
220 m
Ω
50 A at 32 V
-
UL
MFU 0402-FF E0 0A8
1.0 A
32 V
0.0028 A2s
184 mV
140 m
Ω
50 A at 32 V
-
UL
MFU 0402-FF E0 1A0
1.25 A
32 V
0.0039 A2s
159 mV
97 m
Ω
50 A at 32 V
-
UL
MFU 0402-FF E0 1A25
1.5 A
32 V
0.0059 A2s
146 mV
74 m
Ω
50 A at 32 V
-
UL
MFU 0402-FF E0 1A5
1.6 A
32 V
0.0065 A2s
136 mV
65 m
Ω
50 A at 32 V
-
UL
MFU 0402-FF E0 1A6
1.75 A
32 V
0.0077 A2s
124 mV
54 m
Ω
50 A at 32 V
-
UL
MFU 0402-FF E0 1A75
2.0 A
32 V
0.0101 A2s
115 mV
44 m
Ω
50 A at 32 V
-
UL
MFU 0402-FF E0 2A0
2.5 A
32 V
0.0157 A2s
107 mV
33 m
Ω
50 A at 32 V
-
UL
MFU 0402-FF E0 2A5
3.0 A
32 V
0.0227 A2s
95 mV
24 m
Ω
50 A at 32 V
-
UL
MFU 0402-FF E0 3A0
3.15 A
32 V
0.0250 A2s
90 mV
22 m
Ω
50 A at 32 V
-
UL
MFU 0402-FF E0 3A15



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com