Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MIC Datasheet(PDF) 2 Page - Vishay Siliconix

Part # MIC
Description  Thin Film Microwave Resistor
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

MIC Datasheet(HTML) 2 Page - Vishay Siliconix

  MIC Datasheet HTML 1Page - Vishay Siliconix MIC Datasheet HTML 2Page - Vishay Siliconix MIC Datasheet HTML 3Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Document Number: 61037
For technical questions, contact: efi@vishay.com
www.vishay.com
Revision: 14-Mar-08
93
MIC
Thin Film Microwave Resistor
Vishay Electro-Films
DIMENSIONS in inches
SCHEMATIC
Options:
Terminations: Aluminum, nickel solder (62/32/2)
Gold back for solder die attach
Contact Applications Engineer
0.020
0.040
0.012
0.010
TYPICAL RANGE
20
Ω - 20 kΩ
0.020
0.040
0.012
0.010
TYPICAL RANGE
6.2
Ω - 19 Ω
0.020
0.040
0.012
0.010
TYPICAL RANGE
2
Ω - 6 Ω
MECHANICAL SPECIFICATIONS in inches
PARAMETER
Chip Size
0.020 x 0.040 ± 0.003
(0.5 x 1.0 ± 0.076 mm)
Chip Thickness
0.010 ± 0.002 (0.254 ± 0.05 mm)
Chip Substrate
Material
99.6 % alumina, 2 - 4 microinch finish
Resistor Material
Tantalum nitride, self passivating
Bonding Pad Size
0.010 x 0.012 (0.254 x 0.30 mm)
minimum
Number of Pads
2
Pad Material
25 kÅ minimum gold standard
Backing
None
ORDERING INFORMATION
Example: 100 % visualled, 50
Ω, ± 10 %, ± 100 ppm/°C TCR, gold pads, class H visual inspection
W
INSPECTION/
PACKAGING
W = 100 % visually inspected
parts in matrix trays per
MIL-STD-883
X = Sample, visually inspected
parts loaded in matrix
trays (4 % AQL)
MIC
PRODUCT
FAMILY
001
PROCESS
CODE
5000
RESISTANCE
VALUE
Use first 4 digits
significant digits of the
resistance
B
MULTIPLIER
CODE
B = 0.01
A = 0.1
0 = 1
1 = 10
2 = 100
K
TOLERANCE
CODE
F = 1.0 %
G = 2.0 %
H = 2.5 %
J = 5.0 %
K = 10 %
50.40
50.30
50.20
50.10
50.00
49.90
49.80
49.70
49.60
0.00 E + 00 5.00 E + 08 1.00 E + 09 1.50 E + 0.9 2.00 E + 09 2.50 E + 09 3.00 E + 09 3.50 E + 09
FREQUENCY (Hz)
IMPEDANCE VS FREQUENCY
50
Ω, 20 x 40 MIL SIZE



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com