Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST780C06L0LPBF Datasheet(PDF) 4 Page - Vishay Siliconix

Part # ST780C06L0LPBF
Description  Phase Control Thyristors (Hockey PUK Version), 1350 A
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

ST780C06L0LPBF Datasheet(HTML) 4 Page - Vishay Siliconix

  ST780C06L0LPBF Datasheet HTML 1Page - Vishay Siliconix ST780C06L0LPBF Datasheet HTML 2Page - Vishay Siliconix ST780C06L0LPBF Datasheet HTML 3Page - Vishay Siliconix ST780C06L0LPBF Datasheet HTML 4Page - Vishay Siliconix ST780C06L0LPBF Datasheet HTML 5Page - Vishay Siliconix ST780C06L0LPBF Datasheet HTML 6Page - Vishay Siliconix ST780C06L0LPBF Datasheet HTML 7Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
www.vishay.com
For technical questions, contact: ind-modules@vishay.com
Document Number: 94415
4
Revision: 11-Aug-08
ST780CLPbF Series
Vishay High Power Products
Phase Control Thyristors
(Hockey PUK Version), 1350 A
Fig. 1 - Current Ratings Characteristics
Fig. 2 - Current Ratings Characteristics
Fig. 3 - Current Ratings Characteristics
Fig. 4 - Current Ratings Characteristics
Fig. 5 - On-State Power Loss Characteristics
Fig. 6 - On-State Power Loss Characteristics
40
50
60
70
80
90
100
110
120
130
0
200
400
600
800
1000
30°
60°
90°
120°
180°
Average On-state Current (A)
Conduction Angle
ST780C..L Series
(Single Side Cooled)
R
(DC) = 0.073 K/ W
thJ-hs
20
30
40
50
60
70
80
90
100
110
120
130
0
200
400
600
800 1000 1200 1400
DC
30°
60°
90°
120°
180°
Average On-state Current (A)
Cond uction Period
ST780C..L Series
(Single Side Cooled)
R
(DC) = 0.073 K/ W
thJ-hs
20
30
40
50
60
70
80
90
100
110
120
130
0
400
800
120016002000
30°
60°
90°
120°
180°
Average On-state Current (A)
Conduction Angle
ST780C..L Series
(Double Side Cooled)
R
(DC) = 0.031 K/ W
thJ-hs
20
30
40
50
60
70
80
90
100
110
120
130
0
500
1000
1500
2000
2500
3000
DC
30°
60°
90°
120°
180°
Average On-state Current (A)
Conduc tion Period
ST780C..L Series
(Double Side Cooled)
R
(DC) = 0.031 K/ W
thJ-hs
0
500
1000
1500
2000
2500
0
400
800
1200
1600
2000
180°
120°
90°
60°
30°
RMSLimit
Conduc tion Angle
Average On-state Current (A)
ST780C..L Series
T = 125°C
J
0
500
1000
1500
2000
2500
3000
3500
0
500
1000
1500 2000
2500
3000
DC
180°
120°
90°
60°
30°
RMSLimit
Conduction Period
Average On-state Current (A)
ST780C..L Series
T = 125°C
J



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com