Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TEA7088AFP Datasheet(PDF) 12 Page - STMicroelectronics

Part # TEA7088AFP
Description  LOW-RANGE PHONE DEDICATED CHIP
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TEA7088AFP Datasheet(HTML) 12 Page - STMicroelectronics

Back Button TEA7088AFP Datasheet HTML 8Page - STMicroelectronics TEA7088AFP Datasheet HTML 9Page - STMicroelectronics TEA7088AFP Datasheet HTML 10Page - STMicroelectronics TEA7088AFP Datasheet HTML 11Page - STMicroelectronics TEA7088AFP Datasheet HTML 12Page - STMicroelectronics TEA7088AFP Datasheet HTML 13Page - STMicroelectronics TEA7088AFP Datasheet HTML 14Page - STMicroelectronics TEA7088AFP Datasheet HTML 15Page - STMicroelectronics TEA7088AFP Datasheet HTML 16Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 17 page
background image
7
GTR
1
23
4
5
6
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
25
26
27
28
I
LS
47 F
1N4148
V
CC
IVLS
MIC1
MIC2
EAR-
EAR+
GREC
470nF
2k
Ω
2.2 F
300
Ω
15k
Ω
10k
Ω
1.3k
Ω
V
REF
10 F
24V
47
Ω
47nF
100 F
V
RING
BUZ
V
MC
V
REF
DTMF
V
RMC
SOFT
AGC
10 F
100nF
10 F
560k
Ω
100nF
V
CC
TEA7 088 A
3.9k
Ω
V
REF
47 F
620
Ω
13V
1 F
82k
Ω
33
Ω
C2
4.7nF
1.6k
Ω
100nF
600
Ω
100 F
I
L
15k
Ω
S idetone
V
CC
Figure 11 : Test Circuits - Test 1 (VL /VRMC /VMC / IVMC / ILS)
7
GTR
1
23
4
5
6
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
25
26
27
28
I
LS
47 F
1N4148
V
CC
IVLS
MIC1
MIC2
EAR-
EAR+
GREC
470nF
2k
Ω
2.2 F
300
Ω
15k
Ω
10k
Ω
1.3k
Ω
V
REF
10 F
47
Ω
47nF
100 F
V
RING
BUZ
V
MC
V
REF
DTMF
V
RMC
SOFT
AGC
10 F
100nF
10 F
560k
Ω
100nF
V
CC
TEA7088A
3.9k
Ω
V
RE F
47 F
620
Ω
13V
1 F
82k
Ω
33
Ω
C2
4.7nF
1.6k
Ω
100nF
100 F
I
L
15k
Ω
S ide tone
V
CC
I
AC
V
AC
Z=
I
AC
RI = 20 log
Z + 600
Z - 600
24V
V
AC
Figure 12 : Test 2 (R1)
TEA7088A
12/17



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com