Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

P8P Datasheet(PDF) 2 Page - Vishay Siliconix

Part # P8P
Description  Fully Sealed Container Cermet Trimmers
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

P8P Datasheet(HTML) 2 Page - Vishay Siliconix

  P8P Datasheet HTML 1Page - Vishay Siliconix P8P Datasheet HTML 2Page - Vishay Siliconix P8P Datasheet HTML 3Page - Vishay Siliconix P8P Datasheet HTML 4Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Document Number: 51019
For technical questions, contact: sfer@vishay.com
See also: Application notes
www.vishay.com
Revision: 26-Oct-06
49
P8P
Fully Sealed Container Cermet Trimmers
Vishay Sfernice
ELECTRICAL SPECIFICATIONS
Resistive Element
cermet
Electrical Travel
270° ± 15°
Resistance Range
10
Ω to 2.2 MΩ
Standard series E3
1 - 2.2 - 4.7 and on request 1 - 2 - 5
Tolerance
Standard
± 10 %
On Request
± 5 %
Power Rating
P8PX - P8PY
0.5 W at 70 °C
P8PT
1 W at 70 °C
Temperature Coefficient
See Standard Resistance Element Table
Limiting Element Voltage (Linear Law)
250 V
Contact Resistance Variation
2 % Rn or 1
Ω
End Resistance (Typical)
1
Ω
Dielectric Strength (RMS)
1000 V
Insulation Resistance (500 VDC)
1 G
Ω
MECHANICAL SPECIFICATIONS
Mechanical Travel
300° ± 5°
Operating Torque (max. Ncm)
3
End Stop Torque (max. Ncm)
6
Unit Weight (max. g)
1... 3.1
ENVIRONMENTAL SPECIFICATIONS
Temperature Range
- 55 °C to + 125 °C
Climatic Category
55/125/56
Sealing
fully sealed
container IP67
POWER RATING CHART
0
20
40
100
125
140
70
60
0.5
0
1
AMBIENT TEMPERATURE IN DEGREES CELSIUS
80
P8PT
P8PX - P8PY
PERFORMANCE
CECC 41100
TYPICAL VALUES AND DRIFTS
TESTS
CONDITIONS
ΔRT
RT
(%) REQUIREMENTS
ΔR1-2
R1-2
(%)
ΔRT
RT
(%)
ΔR1-2
R1-2
(%)
Climatic Sequence
Phase A dry heat 125 °C
Phase B damp heat
Phase C cold - 55 °C
Phase D damp heat 5 cycles
± 2 %
± 3 %
± 0.5 %
± 1 %
Long Term Damp Heat
56 days
40 °C, 93 % RH
± 2 %
± 3 %
± 0.5 %
± 1 %
Dielectric strength: 700 V
Insulation resistance: > 100 M
Ω
Dielectric strength: 1000 V
Insulation resistance: > 104 M
Ω
Rotational Life
200 cycles
± 2 %
± 1 %
Contact res. variat.: < 5 % Rn
Contact res. variat.: < 2 % Rn
Load Life
1000 h at rated power
90’/30’ - ambient temp. 70 °C
± 2 %
± 3 %
± 1 %
± 2 %
Contact res. variat.: < 5 % Rn
Contact res. variat.: < 1 % Rn
Rapid Temperature
Change
5 cycles
- 55 °C to + 125 °C
± 1.5 %
ΔV1-2
V1-3
≤ ± 1 %
± 0.2 %
ΔV1-2
V1-3
≤ ± 0.5 %
Shock
50 g at 11 m secs
3 successive shocks
in 3 directions
± 1 %
± 2 %
± 0.1 %
± 0.5 %
Vibration
10 - 55 Hz
0.75 mm or 10 g
during 6 hours
± 1 %
ΔV1-2
V1-3
≤ ± 2 %
± 0.2 %
ΔV1-2
V6
≤ ± 0.5 %



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com