Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VCS332Z Datasheet(PDF) 1 Page - Vishay Siliconix

Part # VCS332Z
Description  Z-Based Bulk Metal® Foil Technology Rapid ΔR Stabilization - Low WCR - Low TCR
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

VCS332Z Datasheet(HTML) 1 Page - Vishay Siliconix

  VCS332Z Datasheet HTML 1Page - Vishay Siliconix VCS332Z Datasheet HTML 2Page - Vishay Siliconix VCS332Z Datasheet HTML 3Page - Vishay Siliconix VCS332Z Datasheet HTML 4Page - Vishay Siliconix VCS332Z Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Power Current Sense Resistors
Vishay Foil Resistors
Z-Based Bulk Metal® Foil Technology
Rapid
ΔR Stabilization - Low WCR - Low TCR
www.vishay.com
For technical questions, contact: foil@vishay.com
Document Number: 63086
1
Revision: 02-Mar-05
SALES
• AMERICAS: foilsales.usa@vishay.com
• ASIA/JAPAN: foilsales.asia@vishay.com
• UK/HOLLAND/SCANDINAVIA: foilsales.eunorth@vishay.com
• GERMANY/CZECH REPUBLIC/AUSTRIA: foilsales.eucentral@vishay.com
• FRANCE/SWITZERLAND/SOUTHERN EUROPE: foilsales.eusouth@vishay.com
• ISRAEL: foilsales.israel@vishay.com
Product may not be to scale
Rapid
ΔR stabilization under transient loads, low wattage
coefficient (WCR), and low temperature coefficient (TCR)
are features of this new Z Based Bulk Metal® Foil series of
Current Sense Resistors.
The series should be selected where rapid .R stabilization
and resistance stability under transient power conditions is
required. These products achieve optimum performance
when mounted on a chassis or cooled heat sink. The Z
Based Technology provides extremely low WCR under
defined conditions (see Figure 1 and Figure 2). The low
absolute TCR provided by the Z Based Technology is
measured over the temperature range of - 55 °C to + 125 °C,
+ 25 °C reference (see Figure 3).
All of these devices utilizing the Z Based Technology are
provided with a true 4 terminal Kelvin connection. This is a
must for current sensing when the R-value is less than
100
Ω. The VHP4Z and VPR247Z types add the additional
benefit of hermeticity. The welded construction and nitrogen
backfill provide maximum protection against environmental
stresses and insures long term stability. Typical applications
for this new series includes electron beam circuitry, electron
microscopes, fire control radar display systems, high speed
video display, deflection amplifier circuits, constant current
power supplies and forced balance electronic scales.
Custom high power designs can be developed for your
specific applications.
FEATURES
• Rapid ΔR Stabilization under transient loads (see Figure 1)
• Tenfold improvement of Wattage Coefficient of Resistance
(WCR): 4 ppm/W (see Figure 2)
• Low Temperature Coefficient of Resistance:
(see Figure 3 and Table 2)
• Thermal Resistance: 6 °C/W
• Power Rating: 10 watts on heat sink1) at + 25 °C
(see Table 2)
3 watts in free air at + 25 °C (see Table 2)
• Load Life Stability:
± 0.05 % Max
ΔR, 10 W on heat sink at + 25 °C, 2000 hours
± 0.01 % Max
ΔR, 3 W on heat sink at + 25 °C, 2000 hours
± 0.05 % Max
ΔR, 3 W in free air at + 25 °C, 2000 hours
• Current Noise: < 0.01 µV(RMS)/volt of applied voltage
• Thermal EMF: 0.1 µV/°C maximum, 0.05 µV/°C typical
• Non-Inductive design
NOTE:
1.Heatsink - Aluminum (6" L x 4" W x 2" H x 0.04" THK)
VCS331Z
VCS332Z
VFP4Z
VPR247Z
VHP4Z


Similar Part No. - VCS332Z

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VCS332 VISHAY-VCS332 Datasheet
162Kb / 4P
Bulk Metal® Foil Technology High Precision 4-Terminal Power Current Sensing Resistors with TCR as low as ± 1 ppm/°C and Tolerance ± 0.1 %
26-Jun-07
VCS332T0R2500BB VISHAY-VCS332T0R2500BB Datasheet
162Kb / 4P
Bulk Metal® Foil Technology High Precision 4-Terminal Power Current Sensing Resistors with TCR as low as ± 1 ppm/°C and Tolerance ± 0.1 %
26-Jun-07
VCS332T0R2500DB VISHAY-VCS332T0R2500DB Datasheet
162Kb / 4P
Bulk Metal® Foil Technology High Precision 4-Terminal Power Current Sensing Resistors with TCR as low as ± 1 ppm/°C and Tolerance ± 0.1 %
26-Jun-07
VCS332T0R2500FB VISHAY-VCS332T0R2500FB Datasheet
162Kb / 4P
Bulk Metal® Foil Technology High Precision 4-Terminal Power Current Sensing Resistors with TCR as low as ± 1 ppm/°C and Tolerance ± 0.1 %
26-Jun-07
VCS332T0R2500GB VISHAY-VCS332T0R2500GB Datasheet
162Kb / 4P
Bulk Metal® Foil Technology High Precision 4-Terminal Power Current Sensing Resistors with TCR as low as ± 1 ppm/°C and Tolerance ± 0.1 %
26-Jun-07
More results

Similar Description - VCS332Z

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VHP100 VISHAY-VHP100 Datasheet
96Kb / 4P
Ultra-High Precision Hermetically Sealed Bulk Metal® Foil Technology Resistor with Zero TCR and 0.005 % Tolerance
18-Jun-07
VHZ VISHAY-VHZ Datasheet
172Kb / 5P
Bulk Metal® Foil Technology Hermetically Sealed Resistors, Aerospace
12-Dec-05
VSR VISHAY-VSR Datasheet
105Kb / 4P
Bulk Metal® Foil Technology Industrial Precision Resistors with TCR of ± 4 ppm/°C and Tolerance of ± 0.01 %
16-Jul-07
RNC90Y VISHAY-RNC90Y Datasheet
303Kb / 5P
Bulk Metal® Foil Technology RNC90Y and RNC90Z (Z-Foil) to MIL-PRF-55182/9
03-Sep-08
RNC90Z VISHAY-RNC90Z Datasheet
115Kb / 5P
Z-Bulk Metal® Foil Technology RNC90Z to MIL-PRF-55182/9
28-Aug-08
DSMZ VISHAY-DSMZ Datasheet
161Kb / 5P
Ultra High Precision Bulk Metal® Z-Foil Surface Mount Voltage Divider
06-Aug-07
VHHERMETIC VISHAY-VHHERMETIC Datasheet
130Kb / 5P
Bulk Metal® Foil Technology Hermetically Sealed Resistors, Aerospace
02-Mar-05
1260 VISHAY-1260_10 Datasheet
362Kb / 5P
Bulk Metal® Foil Ultra High Technology Precision Trimming Potentiometers
24-Mar-10
RNC90Y15K000BR VISHAY-RNC90Y15K000BR Datasheet
1Mb / 5P
Bulk Metal Foil Technology RNC90Y and RNC90Z (Z-Foil) to MIL-PRF-55182/9
30-Jul-12
VSR144 VISHAY-VSR144 Datasheet
40Kb / 2P
Bulk Metal® Foil Technology Industrial Grade Miniature Voltage Divider
05-Aug-02
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com