Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DE2 Datasheet(PDF) 2 Page - Vishay Siliconix

Part # DE2
Description  Incremental Resistive Encoder (32 to 128 Pulses per Turn)
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

DE2 Datasheet(HTML) 2 Page - Vishay Siliconix

  DE2 Datasheet HTML 1Page - Vishay Siliconix DE2 Datasheet HTML 2Page - Vishay Siliconix DE2 Datasheet HTML 3Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Model DE2
Incremental Resistive Encoder
(32 to 128 Pulses per Turn)
Vishay Spectrol
Document Number: 57004
For technical questions, contact: sfer@vishay.com
www.vishay.com
Revision: 15-May-08
157
Not for New Design
DIMENSIONS in inches (millimeters)
TIMING DIAGRAM
TERMINAL CONFIGURATION
MATING CONNECTOR
AMP - MODU CONNECTOR FAMILY
MOLEX 70066 FAMILY
0.062
± 0.010
0.375
± 0.015
0.875
± 0.031
0.4062
+ 0.0000
- 0.0020
+ 0.0000
- 0.0003
0.2497
3/
8 - 32 UNEF - 2A
0.062
± 0.005
0.712
± 0.015
0.300
± 0.015
Ø 0.125
± 0.005
CLOCKWISE ROTATION
CHANNEL A
CHANNEL B
CHANNEL Z
INDEX OPTIONAL
0.100 4 PLCS
0.150
0.305
0.025 x 0.025 SQ
TERMINAL PINS
REAR VIEW
4 3 2
0
Ø 1.312
± 0.015
± 0.005
± 0.005
1
± 0.005
STANDARD (DE2-0-X-32)
TERMINAL
FUNCTION
1
Input (Vs)
2
Common
3
Channel A out
4
Channel B out
INDEX (DE2-1-X-32)
TERMINAL
FUNCTION
0
Input (VS)
1
Common
2
Channel A out
3
Channel Z out
4
Channel B out
MATERIAL SPECIFICATIONS
Housing
Molded, glass filled thermoplastic
Shaft
Stainless steel
Bushing
Brass, nickel plated
Terminal Pins
Phosphor bronze, solderable
Mounting Hardware:
Lockwasher
Panel Nut
Steel, nickel plated
Brass, nickel plated
ENVIRONMENTAL SPECIFICATIONS
PARAMETER
Rotational Life
5 million shaft revolutions
Temperature Range:
Operating
Storage
- 20 °C to + 85 °C
- 55 °C to + 125 °C
Vibration
15 G, at 0 to 2 kHz
Shock
50 G
Moisture Resistance
Method 106, MIL-STD-202
Salt Spray
48 h



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com