Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DF045120 Datasheet(PDF) 2 Page - Vishay Siliconix

Part # DF045120
Description  Feed-Through Capacitors, Tag Mounting
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

DF045120 Datasheet(HTML) 2 Page - Vishay Siliconix

  DF045120 Datasheet HTML 1Page - Vishay Siliconix DF045120 Datasheet HTML 2Page - Vishay Siliconix DF045120 Datasheet HTML 3Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
DF 030..., DWA 045...
Feed-Through Capacitors, Tag Mounting
Vishay Draloric
Document Number: 22102
For technical questions contact: powcap@vishay.com
www.vishay.com
Revision: 21-Nov-01
2
Feed-through current DC or low frequency RMS current (< 20 KHz): 8 A
Feed-through current DC or low frequency RMS current (< 20 KHz): 10 A
CAPACITANCE TOLERANCES: ± 20 %, ± 10 %, ± 5 %
For higher feed-through current, an additional feed-through conductor must be provided.
DF 030070
CERAMIC
CAPACITANCE VALUE
[pF]
RATED VOLTAGE
[KVP]
RATED POWER*
[KVAr]
RATED CURRENT
[ARMS]
R 85
400
7168
600
800
DF 030090
CERAMIC
CAPACITANCE VALUE
[pF]
RATED VOLTAGE
[KVP]
RATED POWER*
[KVAr]
RATED CURRENT
[ARMS]
R 85
700
7208
1000
1200
DF 030110
CERAMIC
CAPACITANCE VALUE
[pF]
RATED VOLTAGE
[KVP]
RATED POWER*
[KVAr]
RATED CURRENT
[ARMS]
R 85
800
7258
1200
1500
DF 045120
CERAMIC
CAPACITANCE VALUE
[pF]
RATED VOLTAGE
[KVP]
RATED POWER*
[KVAr]
RATED CURRENT
[ARMS]
R 42
500
13
25
10
R 85
1200
2500
8
DWA 045150
CERAMIC
CAPACITANCE VALUE
[pF]
RATED VOLTAGE
[KVP]
RATED POWER*
[KVAr]
RATED CURRENT
[ARMS]
R 42
500
16
30
10
R 85
1200



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com