Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TEA7530DP Datasheet(PDF) 8 Page - STMicroelectronics

Part # TEA7530DP
Description  MONITOR AMPLIFIER
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TEA7530DP Datasheet(HTML) 8 Page - STMicroelectronics

Back Button TEA7530DP Datasheet HTML 3Page - STMicroelectronics TEA7530DP Datasheet HTML 4Page - STMicroelectronics TEA7530DP Datasheet HTML 5Page - STMicroelectronics TEA7530DP Datasheet HTML 6Page - STMicroelectronics TEA7530DP Datasheet HTML 7Page - STMicroelectronics TEA7530DP Datasheet HTML 8Page - STMicroelectronics TEA7530DP Datasheet HTML 9Page - STMicroelectronics TEA7530DP Datasheet HTML 10Page - STMicroelectronics TEA7530DP Datasheet HTML 11Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 8 / 11 page
background image
PIN 5-7: LOUDSPEAKER OUTPUTS
Maximum outpt voltage: Vpp =2VLS - 2.5V (with a
gain of 32dB).
Maximum output current: depending of the supply
current.
Two loudspeaker connection methods are possi-
ble, using the amplifier in either symmetrical or
asymmetrical mode.
Note:
It is advisable to connect a 47nF capacitor in par-
allel with the loudspeaker (between pins 5 and 7).
- ”Symmetrical” mode
This is for low voltage working, but at a higher
supply current. The highest output power is avail-
able in this mode, due to the 5.7V maximum sup-
ply voltage restriction, imposed by the TEA7530
Loudspeaker impedance recommended value:
50
Ω.
Nominal gain available between earphone input
and loudspeaker outputs: 32dB.
- ”Asymmetrical” Mode
This allows higher voltage operation, but at a
lower supply current.
Loudspeaker impedance recommended value:
25
Ω.
Nominal gain available between earphone input
and loudspeaker output: 32 - 6 = 26dB.
Pin 6: Vref: INTERNAL REFERENCE
Output which provides an internally regulated ref-
erence voltage.
Vref = 1.2V typical
MAXIMUM AVAILABLE CURRENT: 5
µA
Pin 8: ADJUST VLS
This pin is used to adjust the IC supply voltage.
Figure 14
Figure 15
TEA7530
8/11



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com