Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TEA7532DP Datasheet(PDF) 5 Page - STMicroelectronics

Part # TEA7532DP
Description  MONITOR AMPLIFIER
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TEA7532DP Datasheet(HTML) 5 Page - STMicroelectronics

  TEA7532DP Datasheet HTML 1Page - STMicroelectronics TEA7532DP Datasheet HTML 2Page - STMicroelectronics TEA7532DP Datasheet HTML 3Page - STMicroelectronics TEA7532DP Datasheet HTML 4Page - STMicroelectronics TEA7532DP Datasheet HTML 5Page - STMicroelectronics TEA7532DP Datasheet HTML 6Page - STMicroelectronics TEA7532DP Datasheet HTML 7Page - STMicroelectronics TEA7532DP Datasheet HTML 8Page - STMicroelectronics TEA7532DP Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
TEST CIRCUITS
Figure 7 : Shuntvoltage Regulator/ Reference
Voltage at Pin 1.
Note : S0 open for VLS 1
S0 close for VLSM.
Figure 8 : Loudspeaker Amplifier : Gain/Distor
tion/Output Offset.
V (10) – V (12)
Vout
• G=
=
V (9)
V (9)
• VOFFS with Vin = 0.
VLS =1
GND =0
Figure 9 : Impedance ZMIC, ZINP and Zin2.
1.1 V
1.1 V
1.1 V
Zmic =
; Zinp =
; Zin2 =
I6
I9
I2
Figure 10 : Antiacoustic Feedback System at
G011.
S1
S2
S3
G1XX
1
X
X
G000
0
0
0
G010
0
1
0
G001
0
0
1
TEA7532
5/16



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com