Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TEA7540FP Datasheet(PDF) 8 Page - STMicroelectronics

Part # TEA7540FP
Description  HANDSFREE CONTROLLER
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TEA7540FP Datasheet(HTML) 8 Page - STMicroelectronics

Back Button TEA7540FP Datasheet HTML 4Page - STMicroelectronics TEA7540FP Datasheet HTML 5Page - STMicroelectronics TEA7540FP Datasheet HTML 6Page - STMicroelectronics TEA7540FP Datasheet HTML 7Page - STMicroelectronics TEA7540FP Datasheet HTML 8Page - STMicroelectronics TEA7540FP Datasheet HTML 9Page - STMicroelectronics TEA7540FP Datasheet HTML 10Page - STMicroelectronics TEA7540FP Datasheet HTML 11Page - STMicroelectronics TEA7540FP Datasheet HTML 12Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
Figure 3: Test Configuration
V
+ =3V
pin 7 is forced to transmit mode
pin 11 is forced to minimum gain
Input signal on pin 13 VINE = 1.5mVpp
output voltage VMICOUT measured on pin 12
G1min = 20log (VMICOUT / VINE)
Figure 4: Test Configuration
V
+ =3V
pin 7 is forced to transmit mode
Input signal on pin 13 VINE in the compressing range (5mVpp for
example)
output voltage VMICOUT measured on pin 12
Figure 5: Test Configuration
V
+ =3V
pin 7 is forced to transmit mode
pin 11 is forced to maximum gain
Figure 6: Test Configuration
V
+ =3V
pin 7 is forced to transmit mode
pin 11 is forced to minimum gain
TEA7540
8/12



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com