Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STE Datasheet(PDF) 2 Page - Vishay Siliconix

Part # STE
Description  SuperTan® Extended (STE) Capacitors Wet Tantalum with Hermetic Seal
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

STE Datasheet(HTML) 2 Page - Vishay Siliconix

  STE Datasheet HTML 1Page - Vishay Siliconix STE Datasheet HTML 2Page - Vishay Siliconix STE Datasheet HTML 3Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
www.vishay.com
For technical questions, contact: tantalum@vishay.com
Document Number: 43009
86
Revision: 25-Aug-08
STE
Vishay Sprague
SuperTan® Extended (STE) Capacitors
Wet Tantalum with Hermetic Seal
DIMENSIONS in inches [millimeters]
CASE CODE
D MAX. INSULATED
D ± 0.016 (0.41)
L + 0.031 (0.79) UNINSULATED
E ± 0.250 (6.35) MAX.
T1
0.219 (5.56)
0.188 (4.78)
0.453 (11.51)
1.500 (38.10)
T2
0.312 (7.92)
0.281 (7.14)
0.641 (16.28)
2.250 (57.15)
T3
0.406 (10.31)
0.375 (9.52)
0.766 (19.46)
2.250 (57.15)
T4
0.406 (10.31)
0.375 (9.52)
1.062 (26.97)
2.250 (57.15)
Notes
1. Material at egress is tantalum
2. Insulation sleeving will lap over the ends of the capacitor case
3. Tinned nickel leads, solderable and weldable
Approx. Weight
T1: 2.3 g, T2: 5.7 g
T3: 9.4 g, T4: 14.8 g
STANDARD RATINGS
CAP.
(µF)
VOLTAGE
CASE
CODE
PART NUMBER
MAX.
ESR at
+ 25 °C
120 Hz
(
Ω)
TYP. ESR
at
+ 25 °C
1 kHz
(
Ω)
MAX. DCL at
MAX. CAPACITANCE
CHANGE at
MAX.
IMP. at
- 55 °C
125 kHz
(
Ω)
AC
RIPPLE
85 °C
40 kHz
mA rms
+ 25 °C
(µA)
+ 85 °C/
+ 125 °C
(µA)
- 55 °C,
(%)
+ 85 °C
(%)
+ 125 °C
(%)
10 WVDC at + 85 °C. . .
4700
10
T3
STE4700-10T3MI
0.35
0.20
16
100
- 80 %
+ 10 %
+ 20 %
3.5
4000
10 000
10
T4
STE10000-10T4MI
0.25
0.100
25
150
- 85 %
+ 20 %
+ 35 %
3.0
5000
16 WVDC at + 85 °C. . . 11 WVDC at + 125 °C
3300
16
T3
STE3300-16T3MI
0.35
0.20
16
100
- 80 %
+ 10 %
+ 15 %
3.5
4000
6000
16
T4
STE6000-16T4MI
0.3
0.15
25
150
- 80 %
+ 15 %
+ 20 %
3.0
4500
25 WVDC at + 85 ºC… 15 WVDC at + 125 ºC…
4000
25
T4
Preliminary value, contact marketing
30 WVDC at + 85 ºC… 20 WVDC at + 125 ºC…
3300
30
T4
Preliminary value, contact marketing
35 WVDC at + 85 ºC… 22 WVDC at + 125 ºC…
2500
35
T4
Preliminary value, contact marketing
50 WVDC at + 85 ºC… 30 WVDC at + 125 ºC…
1500
50
T4
STE1500-50T4MI
0.45
0.23
15
110
- 70 %
+ 20 %
+ 20 %
6.0
3500
60 WVDC at + 85 °C. . . 40 WVDC at + 125 °C
1000
60
T4
STE1000-60T4MI
0.5
0.30
20
120
- 40 %
+ 10 %
+ 15 %
5.5
3500
75 WVDC at + 85 ºC… 50 WVDC at + 125 ºC…
180
75
T2
STE180-75T2MI
1.50
0.50
5
25
- 35 %
15 %
+ 20 %
30
2000
470
75
T3
STE470-75T3MI
0.6
0.33
25
100
- 45 %
+ 10 %
+ 25 %
10
3000
750
75
T4
STE750-75T4MI
0.5
0.40
20
120
- 35 %
+ 10 %
+ 15 %
6.5
3500
100 WVDC at + 85 °C. . . 65 WVDC at + 125 °C
400
100
T4
STE400-100T4MI
0.70
0.40
10
120
- 40 %
+ 6 %
+ 12 %
15
3000
125 WVDC at + 85 ºC… 85 WVDC at + 125 ºC…
270
125
T4
Preliminary value, contact marketing
0.094 (2.38)
MAX.
L
E
E
TERMINAL LOCATION
WITHIN 0.031 OF CENTER
“D” DIA.
0.025 + 0.002
(0.64 + 0.05)
TERMINAL WELDED
TO CASE
0.250 (6.35)
MAX.



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com