Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

T11 Datasheet(PDF) 2 Page - Vishay Siliconix

Part # T11
Description  Square Modular Cermet Trimmers
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

T11 Datasheet(HTML) 2 Page - Vishay Siliconix

  T11 Datasheet HTML 1Page - Vishay Siliconix T11 Datasheet HTML 2Page - Vishay Siliconix T11 Datasheet HTML 3Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Document Number: 51021
For technical questions, contact: sfer@vishay.com
www.vishay.com
Revision: 06-Jul-06
See also: Application notes
55
T11
Square Modular Cermet Trimmers
Vishay Sfernice
ELECTRICAL SPECIFICATIONS
Resistive Element
cermet
Electrical Travel
270° ± 10°
Resistance Range
22
Ω to 4.7 MΩ
Standard series E3
1 - 2.2 - 4.7 and on request 1 - 2 - 5
Tolerance
Standard
± 20 %
On Request
± 5 % or ± 10 %
Power Rating
Linear
at 70 °C: 0.5 W
Logarithmic Laws, L, F, or S and ganged elements
at 70 °C: 0.25 W
Temperature Coefficient (for Rn ≥ 100 Ω)
± 100 ppm/°C
Limiting Element Voltage
350 V
Contact Resistance Variation
2 % Rn or 3
Ω (linear law)
End Resistance (Typical)
2
Ω
Independant Linearity (Typical)
± 3 % (linear law)
Middle Keying Point (C V1M Typical)
± 3 %
Insulation Resistance
106 M
Ω (500 VDC)
Dielectric Strength (RMS)
1500 VRMS
MECHANICAL SPECIFICATIONS
Mechanical Travel
300° ± 5°
End Stop Torque (max. Ncm)
35
Mechanical Life
2000 cycles
ENVIRONMENTAL SPECIFICATIONS
Temperature Range
- 55 °C to + 125 °C
Climatic Category
55/125/56
Sealing
enables cleaning IP64
POWER RATING CHART
Further information see P11/PA11 Document number 51031
α = β = 15° ± 5°
90 %
50 %
10 %
α
25 %
50 %
75 %
Electrical travel 270
°
Mechanical Travel 300
°
β
Vs
Ve
%
F
S
AL
PACKAGING
- Carton box of 45 pieces, code BO45 for Y style (SAP code B24) and carton box of 80 pieces, code BO80 for X style (SAP code B28)
ORDERING INFORMATION
T11
SERIES
X
STYLE
470 k
Ω
OHMIC VALUE
± 20 %
TOLERANCE
A
LAW
BO80
PACKAGING
e3
LEAD FINISH
YY Style: BO45
X
X Style: BO80
e3: pure Sn
SAP PART NUMBERING GUIDELINES
See the end of this data book for conversion tables
T1
1
X
4
7
4
M
B
2
8
MODEL
STYLE
OHMIC
VALUE
TOL
PACKAGING
CODE
SPECIAL
(IF APPLICABLE)
LAW
A



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com