Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

T12 Datasheet(PDF) 2 Page - Vishay Siliconix

Part # T12
Description  Fully Sealed Container Square or Round Cermet Trimmers
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

T12 Datasheet(HTML) 2 Page - Vishay Siliconix

  T12 Datasheet HTML 1Page - Vishay Siliconix T12 Datasheet HTML 2Page - Vishay Siliconix T12 Datasheet HTML 3Page - Vishay Siliconix T12 Datasheet HTML 4Page - Vishay Siliconix T12 Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Document Number: 51022
For technical questions, contact: sfer@vishay.com
www.vishay.com
Revision: 06-Jul-06
See also: Application notes
57
T12, T13
Fully Sealed Container Square or Round Cermet Trimmers Vishay Sfernice
ELECTRICAL SPECIFICATIONS
Resistive Element
cermet
Electrical Travel
270° ± 10°
Resistance Range
22
Ω to 10 MΩ
Standard series E3
1 - 2.2 - 4.7 and on request 1 - 2 - 5
Tolerance
Standard
± 20 %
On Request
± 10 %
Power Rating
Linear
1 W at 70 °C
Logarithmic
0.5 W at 70 °C
Temperature Coefficient
See Standard Resistance Element Table
Limiting Element Voltage (Linear Law)
350 V
Contact Resistance Variation
3 % Rn or 3
Ω
End Resistance (Typical)
1
Ω
Dielectric Strength (RMS)
1000 V
Insulation Resistance (500VDC)
106 M
Ω
MECHANICAL SPECIFICATIONS
Mechanical Travel
300° ± 5°
Operating Torque (max. Ncm)
3
End Stop Torque (max. Ncm)
15
Unit Weight (max. g)
4.7
ENVIRONMENTAL SPECIFICATIONS
Temperature Range
- 55 °C to + 125 °C
Climatic Category
55/100/56
Sealing
fully sealed
container IP67
POWER RATING CHART
0
20
40
100
125
140
70
60
0.5
0
1
AMBIENT TEMPERATURE IN DEGREES CELSIUS
80
LIN. LAW “A”
LOG. LAWS “L” and “F”
RESISTANCE LAWS
100
0
20
40
60
80
100
020
40
60
80
% CLOCKWISE SHAFT ROTATION
F
A
L



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com