Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

P11 Datasheet(PDF) 2 Page - Vishay Siliconix

Part # P11
Description  12.5 mm Modular Panel Potentiometers Cermet (P11S) or Conductive Plastic Elements (P11A)
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

P11 Datasheet(HTML) 2 Page - Vishay Siliconix

  P11 Datasheet HTML 1Page - Vishay Siliconix P11 Datasheet HTML 2Page - Vishay Siliconix P11 Datasheet HTML 3Page - Vishay Siliconix P11 Datasheet HTML 4Page - Vishay Siliconix P11 Datasheet HTML 5Page - Vishay Siliconix P11 Datasheet HTML 6Page - Vishay Siliconix P11 Datasheet HTML 7Page - Vishay Siliconix P11 Datasheet HTML 8Page - Vishay Siliconix P11 Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
Document Number: 51031
For technical questions, contact: sfer@vishay.com
www.vishay.com
Revision: 16-Jun-08
2
P11
12.5 mm Modular Panel Potentiometers
Cermet (P11S) or Conductive Plastic Elements (P11A)
Vishay Sfernice
GENERAL SPECIFICATIONS
Note:
(1) Consult Vishay Sfernice for other ohmic values
ELECTRICAL (INITIAL)
P11A
P11S
Resistive Element
Conductive plastic
Cermet
Electrical Travel
270° ± 10°
270° ± 10°
Resistance Range (1)
linear law
1 k
Ω to 1 MΩ
20
Ω to 10 MΩ
non linear law
470
Ω to 500 kΩ
100
Ω to 2.2 MΩ
Tolerance
standard
± 20 %
± 20 %
on request
-
± 5 % or ± 10 %
Power Rating at 70 °C
linear law
0.5 W at + 70 °C
1 W at + 70 °C
non linear law
0.25 W at + 70 °C
0.5 W at + 70 °C
multiple assemblies
0.25 W at + 70 °C per module
0.5 W at + 70 °C per module
Temperature Coefficient (Typical)
± 500 ppm
± 150 ppm
Limiting Element Voltage
350 V
350 V
End Resistance (Typical)
2
Ω
2
Ω
Contact Resistance Variation
linear law
1 %
2 % or 3
Ω
Independent Linearity (Typical)
linear law
± 5 %
± 5 %
Insulation Resistance
106 M
Ω min.
106 M
Ω min.
Dielectric Strength
1500 VRMS min.
1500 VRMS min.
Attenuation
90 dB max./0.05 dB min.
-
Mechanical Rotation Life
50 000 cycles
50 000 cycles
MECHANICAL (INITIAL)
Mechanical Travel
300° ± 5°
Operating Torque (Typical):
Single and Dual Assemblies:
3 mm, 4 mm (1/8") Dia. Shafts
6 mm (1/4") Dia. Shafts
Three to Seven Modules (Per Module):
0.5 to 1.3 Ncm max. (0.7 to 1.8 oz.-inch max.)
0.7 to 1.5 Ncm max. (1.0 to 2.1 oz.-inch max.)
0.2 to 0.3 Ncm max. (0.3 to 0.45 oz.-inch max.)
End Stop Torque (All Bushing Except G)
3 mm, 4 mm (1/8") Dia. Shafts
6 mm (1/4") Dia. Shafts
25 Ncm max. (2.1 lb-inch max.)
80 Ncm max. (6.8 lb-inch max.)
End Stop Torque for Bushing G
All Shafts Dia.
40 Ncm max. (3.4 lb-inch max.)
Tightening Torque
6 mm, 7 mm (1/4") Dia. Bushings
10 mm (3/8") Dia. Bushings
150 Ncm max. (13 lb-inch max.)
250 Ncm max. (21 lb-inch max.)
Weight
7 g to 9 g per module (0.25 to 0.32 oz.)
ENVIRONMENTAL
P11A
P11S
Operating Temperature Range
- 55 °C to + 125 °C
- 55 °C to + 125 °C
Climatic Category
55/125/21
55/125/56
Sealing
IP64
IP64
Storage Temperature
- 55 °C to + 125 °C
- 55 °C to + 150 °C
MARKING
• Potentiometer Module
VISHAY logo, nominal ohmic value (
Ω, kΩ, MΩ), two stars
identify P11A version, tolerance in % - variation law,
manufacturing date (four digits), “3” for the lead 3
• Switch Module
Version, manufacturing date (four digits), “c” for common lead
• Indent Module
Version, manufacturing date (four digits)
PACKAGING
• Box



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com