Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GLI Datasheet(PDF) 2 Page - Vishay Siliconix

Part # GLI
Description  Metallized Film Power Capacitor
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

GLI Datasheet(HTML) 2 Page - Vishay Siliconix

  GLI Datasheet HTML 1Page - Vishay Siliconix GLI Datasheet HTML 2Page - Vishay Siliconix GLI Datasheet HTML 3Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
www.vishay.com
2
GLI
Vishay ESTA
Document Number 13021
Revision 04-Aug-04
TYPE DESCRIPTION
TYPE
RATED VOLTAGE
CAPACITANCE
CURRENT*
du/dt
HEIGHT
GLI
DC (V)
AC (V)
(
µF)
MAX. (A)
MAX.(V/
µs)
(mm)
700-35
700
200
35
80
450
38
700-160
700
200
160
100
150
56
700-230
700
200
230
100
100
68
900-25
900
250
25
60
500
38
900-100
900
250
100
80
150
56
900-150
900
250
150
90
125
68
1100-15
1100
300
15
50
750
38
1100-75
1100
300
75
80
200
56
1100-100
1100
300
100
80
150
68
1250-50
1250
350
50
70
250
56
1250-75
1250
350
75
70
150
68
1450-40
1450
400
40
70
250
56
1450-60
1450
400
60
70
200
68
1800-25
1800
450
25
50
300
56
1800-35
1800
450
35
50
250
68
2150-18
2150
500
18
40
400
56
2150-25
2150
500
25
40
300
68
DIMENSIONS
M8*
Ø 5.5
45 ±1
Metallized Film Power Capacitor
*8mm
Note: Other voltage and capacitance values are available upon request.
*Design current for short term operation at 50°C



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com