Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TEF1033N Datasheet(PDF) 3 Page - STMicroelectronics

Part # TEF1033N
Description  PRECISION DUAL OPERATIONAL AMPLIFIERS
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TEF1033N Datasheet(HTML) 3 Page - STMicroelectronics

  TEF1033N Datasheet HTML 1Page - STMicroelectronics TEF1033N Datasheet HTML 2Page - STMicroelectronics TEF1033N Datasheet HTML 3Page - STMicroelectronics TEF1033N Datasheet HTML 4Page - STMicroelectronics TEF1033N Datasheet HTML 5Page - STMicroelectronics TEF1033N Datasheet HTML 6Page - STMicroelectronics TEF1033N Datasheet HTML 7Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
ELECTRICAL CHARACTERISTICS
VCC =
±15V, Tamb = +25oC (unless otherwise specified)
Symbol
Parameter
TEB 1033
TEF 1033
TEC 1033
Unit
Min.
Typ.
Max.
Vio
Input Offset Voltage (RS
≤ 10kΩ)
Tamb =25
oC
Tmin.
≤ Tamb ≤ Tmax.
0.3
1
3
mV
DVio
Input Offset Voltage Drift
2
µV/oC
Iio
Input Offset Current
Tamb =25
oC
Tmin.
≤ Tamb ≤ Tmax.
520
40
nA
Iib
Input Bias Current
Tamb =25
oC
Tmin.
≤ Tamb ≤ Tmax.
50
100
200
nA
Avd
Large Signal Voltage Gain (RL =2k
Ω,VO = ±10V)
Tamb =25
oC
Tmin.
≤ Tamb ≤ Tmax.
80
40
120
V/mV
SVR
Supply Voltage Rejection Ratio (DVCC from
±15V to ±4V)
Tamb =25
oC
Tmin.
≤ Tamb ≤ Tmax.
80
70
100
dB
ICC
Supply Current, all Amp, no Load
Tamb =25
oC
Tmin.
≤ Tamb ≤ Tmax.
1
1.5
2
mA
Vicm
Input Common Mode Voltage Range
Tamb =25
oC
±12
V
CMR
Common Mode Rejection Ratio (RS
≤ 10kΩ,VI = ±10V)
Tamb =25
oC
Tmin.
≤ Tamb ≤ Tmax.
80
70
100
dB
Ios
Output Short-circuit Current
Tamb =25
oC
Tmin.
≤ Tamb ≤ Tmax.
10
10
23
40
40
mA
± Vopp
Output Voltage Swing
Tamb =25
oCR
L =2k
Ω
Tmin.
≤ Tamb ≤ Tmax.RL =2kΩ
VCC =
±4V, RL =2kΩ,Tamb =25oC
VCC =
±6V, RL = 600Ω,Tamb =25oC
13
12
2.8
4.6
14
3
V
SR
Slew-rate (VI =
±10V, RL =2 kΩ,CL = 100pF, Tamb =25oC,
unity gain)
0.6
1
V/
µs
GBP
Gain Bandwidth Product (f = 100kHz, Tamb =25
oC, Vin = 10mV,
RL =2k
Ω,CL = 100pF)
1.5
2
MHz
Ri
Input Resistance
1
M
Ω
THD
Total Harmonic Distortion (f = 1kHz, Av = 20dB, RL =2k
Ω
CL = 100pF, Tamb =25
oC, Vo =2Vpp)
0.008
0.05
%
en
Equivalent Input Noise Voltage (f = 1kHz)
RS =50
Ω
RS =1k
Ω
RS = 10k
Ω
8
10
18
15
nV
√
Hz
VOPP
Large Signal Voltage Swing
RL =10k
Ω, f = 10kHz
26
28
V
∅m
Phase Margin
45
Degrees
Vo1/Vo2
Channel Separation
100
120
dB
TEB1033-TEF1033-TEC1033
3/7



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com