Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TEF3718SP Datasheet(PDF) 1 Page - STMicroelectronics

Part # TEF3718SP
Description  STEPPER MOTOR DRIVER
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TEF3718SP Datasheet(HTML) 1 Page - STMicroelectronics

  TEF3718SP Datasheet HTML 1Page - STMicroelectronics TEF3718SP Datasheet HTML 2Page - STMicroelectronics TEF3718SP Datasheet HTML 3Page - STMicroelectronics TEF3718SP Datasheet HTML 4Page - STMicroelectronics TEF3718SP Datasheet HTML 5Page - STMicroelectronics TEF3718SP Datasheet HTML 6Page - STMicroelectronics TEF3718SP Datasheet HTML 7Page - STMicroelectronics TEF3718SP Datasheet HTML 8Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
TEF3718
TEF3718S
October 1991
STEPPER MOTOR DRIVER
.
HALF AND FULL-STEP MODES
.
BIPOLAR DRIVE OF STEPPER MOTOR FOR
MAXIMUM MOTOR PERFORMANCE
.
BUILT-IN PROTECTION DIODES
.
WIDE RANGE OF CURRENT CONTROL : 5 TO
1500 mA
.
WIDE VOLTAGE RANGE : 10 TO 50 V
.
DESIGNED FOR UNSTABILIZED MOTOR
SUPPLY VOLTAGE
.
CURRENT LEVELS CAN BE SELECTED IN
STEPS OR VARIED CONTINUOUSLY
.
THERMAL OVERLOAD PROTECTION
.
ALARM OUTPUT (TEF3718SP) OR PRE-
ALARM OUTPUT (TEF3718SSP)
DESCRIPTION
The TEF3718 and TEF3718S are bipolar monolithic
integrated circuits intended to control and drive the
current in one widing of a bipolar stepper motor. The
circuits consists of an LS-TLL - compatible logic in-
put, a current sensor, a monostable and an output
stage with built-in protection diodes. Two TEF3718
or TEF3718S and a few external components form
a complete control and drive unit for LS-TTL or mi-
croprocessor controlled stepper motor systems.
POWERDIP 12 + 2 + 2
ORDER CODE :
TEF3718DP
TEF3718SDP
MULTIWATT 15
ORDER CODE :
TEF3718SP
TEF3718SSP
PIN CONNECTON
TEF3718
TEF3718S
TEF3718
TEF3718S
1/8


Similar Part No. - TEF3718SP

ManufacturerPart #DatasheetDescription
logo
Exxelia Group
TEF EXXELIA-TEF Datasheet
2Mb / 16P
Radial Leaded Conformal Coated Capacitors
02/21
logo
List of Unclassifed Man...
TEF0510 ETC2-TEF0510 Datasheet
55Kb / 3P
DC/DC Converter
TEF0511 ETC2-TEF0511 Datasheet
55Kb / 3P
DC/DC Converter
TEF0512 ETC2-TEF0512 Datasheet
55Kb / 3P
DC/DC Converter
TEF0521 ETC2-TEF0521 Datasheet
55Kb / 3P
DC/DC Converter
More results

Similar Description - TEF3718SP

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
M54640P MITSUBISHI-M54640P Datasheet
108Kb / 6P
STEPPER MOTOR DRIVER
logo
Motorola, Inc
SAA1042 MOTOROLA-SAA1042 Datasheet
100Kb / 6P
STEPPER MOTOR DRIVER
logo
STMicroelectronics
L6219 STMICROELECTRONICS-L6219 Datasheet
1Mb / 9P
STEPPER MOTOR DRIVER
Oct-2001
UDN2916A STMICROELECTRONICS-UDN2916A Datasheet
128Kb / 8P
STEPPER MOTOR DRIVER
Nov-1991
logo
New Japan Radio
NJM37770 NJRC-NJM37770 Datasheet
152Kb / 10P
STEPPER MOTOR DRIVER
logo
STMicroelectronics
L6219R STMICROELECTRONICS-L6219R Datasheet
144Kb / 11P
STEPPER MOTOR DRIVER
May-2005
logo
System Logic Semiconduc...
PBL3717A SLS-PBL3717A_03 Datasheet
826Kb / 11P
STEPPER MOTOR DRIVER
logo
STMicroelectronics
L6219R STMICROELECTRONICS-L6219R_06 Datasheet
232Kb / 16P
Stepper motor driver
22-Jun-2006
logo
ON Semiconductor
MC3479FN ONSEMI-MC3479FN Datasheet
100Kb / 10P
Stepper Motor Driver
June, 2006 ??Rev. 7
CS8442 ONSEMI-CS8442 Datasheet
47Kb / 4P
Stepper Motor Driver
December, 2001 - Rev. 2
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com