Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TEF3718SSP Datasheet(PDF) 4 Page - STMicroelectronics

Part # TEF3718SSP
Description  STEPPER MOTOR DRIVER
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TEF3718SSP Datasheet(HTML) 4 Page - STMicroelectronics

  TEF3718SSP Datasheet HTML 1Page - STMicroelectronics TEF3718SSP Datasheet HTML 2Page - STMicroelectronics TEF3718SSP Datasheet HTML 3Page - STMicroelectronics TEF3718SSP Datasheet HTML 4Page - STMicroelectronics TEF3718SSP Datasheet HTML 5Page - STMicroelectronics TEF3718SSP Datasheet HTML 6Page - STMicroelectronics TEF3718SSP Datasheet HTML 7Page - STMicroelectronics TEF3718SSP Datasheet HTML 8Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
ELECTRICAL CHARACTERISTICS
VCC = 5 V
± 5 %. VMM = – 10 V to + 45 V. Tamb = – 40 C to + 25 °C (Unless otherwise specified)
Symbol
Characteristics
Min.
Typ.
Max.
Unit
ICC
Supply Current
25
mA
VIH
High Level Input Voltage Logic Input
2
V
VIL
Low Level Input Voltage Input
0.7
V
IIH
High Level Input Current Logic Input (VI = 2.4 v)
20
µA
IIL
Low Level Input Current Logic Input (VI = 0.4 v)
0.4
µA
VCH
VCM
VCL
Comparator Treshold Voltage (VR = + 5 V)
IO = 0 I1 = 0
IO = 1 I1 = 0
IO = 0 I1 = 1
390
230
65
420
250
80
440
270
90
mV
ICO
Comparator Input Current
— 20
20
µA
Ioff
Output Leakage Current (IO 1, I1 = 1)
100
µA
Vsat
Total Saturation Voltage Drop (Im = 1 A,)
POWERDIP
MULTIWATT
2.9
3.3
V
Ptot
Total Power Dissipation (Im = 1 A, fs = 30 kHz)
3.1
3.6
W
toff
Cutt off Time (see figures 1 and 2 Vmm = +10 V, Vton
≤ 5 µs)
25
30
35
µs
td
Turn off Delay (see figures 1 and 2, Tamb = + 25
°C
dVC/dt
≤ 50 mV/µs
1.6
µs
Vsat
Alarm Output Saturation Voltage IO = 2 mA
0.8
V
Iref
Reference Input Current, VR = 5 V
0.4
1
mA
Vsat
Vf
Isub
Source Diode Transistor Pair
Saturation Voltage
Diode Forward Voltage
Substrate Leakage Current
MULTIWATT
POWERDIP
Im = 0.5 A
Im = 1 A
Im = 0.5 A
Im = 1 A
If = 0.5 A
If = 1 A
If = 1 A
1.35
1.75
1.25
1.55
1.5
1.7
10
mA
Vsat
Vf
Sink Diode Transistor Pair
Saturation Voltage
Diode Forward Voltage
MULTIWATT
POWERDIP
Im = 0.5 A
Im = 1 A
Im = 0.5 A
Im = 1 A
If = 0.5 A
If = 1 A
1.35
1.55
1.25
1.35
1.5
1.8
mA
TEF3718-TEF3718S
4/8



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com