Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

800FS049 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # 800FS049
Description  PRO-WAVE ELECTRONICS CORPORATION
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

800FS049 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  800FS049 Datasheet HTML 1Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
斯闊企業股份有限公司
S.SQUARE ENTERPRISE COMPANY,LTD.
普崴電子股份有限公司
PRO-WAVE ELECTRONICS CORPORATION
Model
Number : 800FS049
Specification:
Horizontal beam directivity
±360°
Resonance Frequency
77 KHz
Vertical beam directivity
±43°
Resonance Q
5
max
Drive voltage
150 Vp-p for Burst
Bandwidth of 6 db
15 KHz min
Minimum
Sound
Pressure
Output
69 dB re 20
µPa @
10 cm,30Vp-p
Environmental Characteristics:
Capacitance
210±20﹪ pF
Storage Temperature
−20℃− +60℃
PVDF Thickness
30
µm
Operating Temperature
+5℃− +60℃
Dimension:
Unit: mm
4.9
0.25
16
13.5
11.5
3.5
4.9
Supplied by Midas Components Ltd - 01493 602602 - www.midascomponents.co.uk


Similar Part No. - 800FS049

ManufacturerPart #DatasheetDescription
logo
Greenlee Communications
800F1725 GREENLEE-800F1725 Datasheet
3Mb / 50P
WIRE & CABLE TERMINATION
logo
Numonyx B.V
800FB NUMONYX-800FB Datasheet
1Mb / 67P
Top / Bottom Boot Block 5 V Supply Flash Memory
800FB NUMONYX-800FB Datasheet
1Mb / 67P
Top / Bottom Boot Block 5 V Supply Flash Memory
800FT NUMONYX-800FT Datasheet
1Mb / 67P
Top / Bottom Boot Block 5 V Supply Flash Memory
800FT NUMONYX-800FT Datasheet
1Mb / 67P
Top / Bottom Boot Block 5 V Supply Flash Memory
More results

Similar Description - 800FS049

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SP959B01-TD01 ETC-SP959B01-TD01 Datasheet
118Kb / 7P
China Electronics Technology Group Corporation No.26 Research Institute
logo
Tyco Electronics
PT52A730B MACOM-PT52A730B Datasheet
526Kb / 1P
Tyco Electronics Corporation Shen Zhen, Ching
PT22AT30B MACOM-PT22AT30B Datasheet
178Kb / 1P
Tyco Electronics Corporation ShenZhen, China
logo
TE Connectivity Ltd
C-2-1393194-5 TEC-C-2-1393194-5 Datasheet
115Kb / 2P
THIS DRAWING IS A CONTROLLED DOCUMENT FOR TYCO ELECTRONICS CORPORATION
C-2-1419146-1 TEC-C-2-1419146-1 Datasheet
124Kb / 2P
THIS DRAWING IS A CONTROLLED DOCUMENT FOR TYCO ELECTRONICS CORPORATION
C-5-1440002-4 TEC-C-5-1440002-4 Datasheet
125Kb / 2P
THIS DRAWING IS A CONTROLLED DOCUMENT FOR TYCO ELECTRONICS CORPORATION
C-1393792-2-A8 TEC-C-1393792-2-A8 Datasheet
46Kb / 1P
THIS DRAWING IS A CONTROLLED DOCUMENT FOR TYCO ELECTRONICS CORPORATION
C-1461193 TEC-C-1461193 Datasheet
136Kb / 2P
THIS DRAWING IS A CONTROLLED DOCUMENT FOR TYCO ELECTRONICS CORPORATION
logo
List of Unclassifed Man...
PS2251-33 ETC2-PS2251-33 Datasheet
1Mb / 19P
Phison Electronics Corporation USB 2.0 Flash Controller Specification
14-Jan-2009 Version 1.2
logo
COSMO Electronics Corp...
KP1010 COSMO-KP1010 Datasheet
57Kb / 1P
ELECTRONICS CORPORATION
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com